Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBC15LJTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # STBC15LJTR
Description  Ultra-low current consumption linear battery charger
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC15LJTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STBC15LJTR Datasheet HTML 9Page - STMicroelectronics STBC15LJTR Datasheet HTML 10Page - STMicroelectronics STBC15LJTR Datasheet HTML 11Page - STMicroelectronics STBC15LJTR Datasheet HTML 12Page - STMicroelectronics STBC15LJTR Datasheet HTML 13Page - STMicroelectronics STBC15LJTR Datasheet HTML 14Page - STMicroelectronics STBC15LJTR Datasheet HTML 15Page - STMicroelectronics STBC15LJTR Datasheet HTML 16Page - STMicroelectronics STBC15LJTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
PKM
Min. VBAT_OVD [V]
Max. VBAT_OVD [V]
1
2.2
2.3
Table 10. Battery over-discharge voltages for the STBC15L
PKM
Min. VBAT_OVD [V]
Max. VBAT_OVD [V]
x
2.65
2.75
7.6
Shelf mode
The STBC15 provides an ultra-low power mode with current consumption less than 10 nA in order to support long
period of shelf storage of the final equipment with minimum battery discharge.
In this case, even if the battery is charged and its voltage is above the cut-off voltage, it can be disconnected from
the system by applying a positive pulse to SM pin.
7.7
Reverse current protection
The STBC15 avoids reverse current flowing from the battery to the input voltage source when the CHGIN voltage
is lower than BAT voltage. This is particularly important when a photovoltaic panel is used as an input voltage
source. This function is accomplished by turning off M1 switch when CHGIN voltage drops below CHGIN UVLO
threshold.
7.8
STBC15 / STBC15L difference summary
The STBC15 is dedicated to thin film batteries while the STBC15L to li-Ion batteries. Here below a summary of
the main differences:
Table 11. STBC15 / STBC15L difference summary
Name
PKM
STBC15
STBC15L
VFLOAT
x
4.0 V to 4.2 V
4.2 V to 4.4 V
VBAT_OVD
PKM=0
3.25 V
2.7 V
PKM=1
2.25 V
2.7 V
VBAT_CONN
PKM=0
4.10 V
3.6 V
PKM=1
4.10 V
3.9 V
STBC15
Shelf mode
DS12551 - Rev 1
page 13/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com