Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STU10P6F6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STU10P6F6
Description  P-channel -60 V, 0.13 Ω typ., -10 A STripFET™ F6 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU10P6F6 Datasheet(HTML) 1 Page - STMicroelectronics

  STU10P6F6 Datasheet HTML 1Page - STMicroelectronics STU10P6F6 Datasheet HTML 2Page - STMicroelectronics STU10P6F6 Datasheet HTML 3Page - STMicroelectronics STU10P6F6 Datasheet HTML 4Page - STMicroelectronics STU10P6F6 Datasheet HTML 5Page - STMicroelectronics STU10P6F6 Datasheet HTML 6Page - STMicroelectronics STU10P6F6 Datasheet HTML 7Page - STMicroelectronics STU10P6F6 Datasheet HTML 8Page - STMicroelectronics STU10P6F6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
This is information on a product in full production.
July 2015
DocID022967 Rev 5
1/24
STD10P6F6, STF10P6F6,
STP10P6F6, STU10P6F6
P-channel -60 V, 0.13
Ω typ., -10 A STripFET™ F6
Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
Datasheet
− production data
Figure 1. Internal schematic diagram
Features
• Very low on-resistance
• Very low gate charge
• High avalanche ruggedness
• Low gate drive power loss
Applications
• Switching applications
Description
These devices are P-channel Power MOSFETs
developed using the STripFET™ F6 technology,
with a new trench gate structure. The resulting
Power MOSFETs exhibit very low RDS(on) in all
packages.
, TAB
AM11258v1
DPAK
1
3
TAB
1
2
3
TAB
TO-220
3
2
1
TAB
IPAK
1
2
3
TO-220FP
Order codes
VDS
RDS(on) max
ID
STD10P6F6
-60 V
0.16
Ω
-10 A
STF10P6F6
STP10P6F6
STU10P6F6
Table 1. Device summary
Order codes
Marking
Package
Packing
STD10P6F6
10P6F6
DPAK
Tape and reel
STF10P6F6
TO-220FP
Tube
STP10P6F6
TO-220
STU10P6F6
IPAK
www.st.com


Similar Part No. - STU10P6F6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU10P6F6 STMICROELECTRONICS-STU10P6F6 Datasheet
1Mb / 24P
P-channel -60 V, 0.13 Ω typ., -10 A STripFET™ F6 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
27-Jul-2015
More results

Similar Description - STU10P6F6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP10P6F6 STMICROELECTRONICS-STP10P6F6 Datasheet
490Kb / 15P
P-channel 60 V, 0.15 廓 typ., 10 A STripFET??VI DeepGATE??Power MOSFET in DPAK and TO-220 packages
20-Jun-2012
STD4N80K5 STMICROELECTRONICS-STD4N80K5 Datasheet
1Mb / 23P
N-channel 800 V, 2.1 ??typ., 3 A MDmesh™K5 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
04-Feb-2015
STB100N10F7 STMICROELECTRONICS-STB100N10F7_V01 Datasheet
652Kb / 28P
N-channel 100 V, 6.8 mΩ typ., 80 A STripFET™ F7 Power MOSFETs in D2PAK, DPAK, TO-220FP, I2PAK and TO-220 packages
18-Jun-2018
STB5NK50Z-1 STMICROELECTRONICS-STB5NK50Z-1_V01 Datasheet
674Kb / 29P
N-channel 500 V, 1.22 Ω typ., 4.4 A SuperMESH™ Power MOSFETs in I2PAK, DPAK, TO‑220, TO‑220FP and IPAK packages
18-Sep-2018
STD3NK80Z-1 STMICROELECTRONICS-STD3NK80Z-1_V01 Datasheet
1Mb / 29P
N-channel 800 V, 3.8 Ω typ., 2.5 A SuperMESH™ Power MOSFETs in IPAK, DPAK, TO-220FP, TO-220 packages
06-Apr-2017
STD3NK60ZT4 STMICROELECTRONICS-STD3NK60ZT4 Datasheet
936Kb / 34P
N-channel 600 V, 3.2 Ω typ., 2.4 A SuperMESH™ Power MOSFETs in D²PAK, IPAK, DPAK, TO-220 and TO-220FP packages
20-Aug-2018
STD3NK90ZT4 STMICROELECTRONICS-STD3NK90ZT4_V01 Datasheet
563Kb / 24P
N-channel 900 V, 3.6 Ω typ., 3 A SuperMESH™ Power MOSFETs in DPAK, TO-220 and TO-220FP packages
20-Aug-2018
STD5NK60ZT4 STMICROELECTRONICS-STD5NK60ZT4 Datasheet
582Kb / 24P
N-channel 600 V, 1.2 Ω typ., 5 A SuperMESH™ Power MOSFET in DPAK, TO-220 and TO-220FP packages
22-Aug-2018
STD10P6F6-V01 STMICROELECTRONICS-STD10P6F6-V01 Datasheet
1Mb / 24P
P-channel -60 V, 0.13 Ω typ., -10 A STripFET™ F6 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
27-Jul-2015
STD10P10F6 STMICROELECTRONICS-STD10P10F6_V01 Datasheet
403Kb / 16P
P-channel -100 V, 0.36 Ω typ., -10 A STripFET F6 Power MOSFET in a DPAK package
26-Apr-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com