Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STULED624 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STULED624
Description  N-channel 620 V, 2.2 Ω typ., 4.0 A Power MOSFET in DPAK, I2PAKFP, TO-220 and IPAK packages
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STULED624 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STULED624 Datasheet HTML 14Page - STMicroelectronics STULED624 Datasheet HTML 15Page - STMicroelectronics STULED624 Datasheet HTML 16Page - STMicroelectronics STULED624 Datasheet HTML 17Page - STMicroelectronics STULED624 Datasheet HTML 18Page - STMicroelectronics STULED624 Datasheet HTML 19Page - STMicroelectronics STULED624 Datasheet HTML 20Page - STMicroelectronics STULED624 Datasheet HTML 21Page - STMicroelectronics STULED624 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
DocID024407 Rev 1
21/22
STDLED624, STFILED624, STPLED624, STULED624
Revision history
6
Revision history
Table 15. Document revision history
Date
Revision
Changes
21-Mar-2013
1
First release.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com