Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF12N50U Datasheet(PDF) 3 Page - STMicroelectronics

Part # STF12N50U
Description  N-channel 500 V, 0.55 Ω, 10 A TO-220FP Ultrafast MESH™ Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF12N50U Datasheet(HTML) 3 Page - STMicroelectronics

  STF12N50U Datasheet HTML 1Page - STMicroelectronics STF12N50U Datasheet HTML 2Page - STMicroelectronics STF12N50U Datasheet HTML 3Page - STMicroelectronics STF12N50U Datasheet HTML 4Page - STMicroelectronics STF12N50U Datasheet HTML 5Page - STMicroelectronics STF12N50U Datasheet HTML 6Page - STMicroelectronics STF12N50U Datasheet HTML 7Page - STMicroelectronics STF12N50U Datasheet HTML 8Page - STMicroelectronics STF12N50U Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
STF12N50U
Electrical ratings
Doc ID 17202 Rev 1
3/12
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
500
V
VGS
Gate-source voltage
± 30
V
ID
Drain current (continuous) at TC = 25 °C
10 (1)
1.
Current is limited by wire features.
A
ID
Drain current (continuous) at TC = 100 °C
6 (1)
A
IDM
(2)
2.
Pulse width limited by safe operating area.
Drain current (pulsed)
40 (1)
A
PTOT
Total dissipation at TC = 25 °C
30
W
IAR
Avalanche current, repetitive or not-
repetitive (pulse width limited by Tj max)
10
A
EAS
Single pulse avalanche energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
230
mJ
dv/dt (3)
3.
ISD ≤ 10 A, di/dt ≤ 400 A/µs, VDD = 80% V(BR)DSS.
Peak diode recovery voltage slope
20
V/ns
VESD-(G-S) G-S EDS (HBM C=100 pF; R=1.5 kΩ)
4000
V
VISO
Insulation withstand voltage (RMS) from all
three leads to external heat sink
(t = 1 s; TC = 25 °C)
2500
V
Tstg
Storage temperature
-55 to 150
°C
Tj
Max. operating junction temperature
150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
Rthj-case Thermal resistance junction-case max
4.17
°C/W
Rthj-amb Thermal resistance junction-ambient max
62.5
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com