Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8745BY Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS8745BY
Description  1:5 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8745BY Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS8745BY Datasheet HTML 2Page - Integrated Circuit Systems ICS8745BY Datasheet HTML 3Page - Integrated Circuit Systems ICS8745BY Datasheet HTML 4Page - Integrated Circuit Systems ICS8745BY Datasheet HTML 5Page - Integrated Circuit Systems ICS8745BY Datasheet HTML 6Page - Integrated Circuit Systems ICS8745BY Datasheet HTML 7Page - Integrated Circuit Systems ICS8745BY Datasheet HTML 8Page - Integrated Circuit Systems ICS8745BY Datasheet HTML 9Page - Integrated Circuit Systems ICS8745BY Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
8745BY
www.icst.com/products/hiperclocks.html
REV. B DECEMBER 2, 2004
6
Integrated
Circuit
Systems, Inc.
ICS8745B
1:5 DIFFERENTIAL-TO-LVDS
ZERO DELAY CLOCK GENERATOR
PARAMETER MEASUREMENT INFORMATION
DIFFERENTIAL INPUT LEVEL
3.3V OUTPUT LOAD AC TEST CIRCUIT
SCOPE
Qx
nQx
LVDS
Power Supply
+
-
Float GND
3.3V
PHASE JITTER AND STATIC PHASE OFFSET
V
CMR
Cross Points
V
PP
GND
CLK0,
CLK1
nCLK0,
nCLK1
V
DD
CYLE-TO-CYCLE JITTER
OUTPUT RISE/FALL TIME
Clock
Outputs
20%
80%
80%
20%
tR
t F
VOD
tsk(o)
Qx
Qy
OUTPUT SKEW
nQx
nQy
(where
t(Ø) is any random sample, and t(Ø) mean is the average
of the sampled cycles measured on controlled edges)
t (Ø) mean = Static Phase Offset
t(Ø)
V
OH
V
OL
V
OH
V
OL
nFB_IN
FB_IN
tjit(Ø) = t(Ø) — t(Ø) mean = Phase Jitter
CLK0,
CLK1
nCLK0,
nCLK1
tjit(cc) = tcycle n –tcycle n+1
1000 Cycles
tcycle n
tcycle n+1
Q0:Q4
nQ0:nQ4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com