Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8745BYLF Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS8745BYLF
Description  1:5 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8745BYLF Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS8745BYLF Datasheet HTML 6Page - Integrated Circuit Systems ICS8745BYLF Datasheet HTML 7Page - Integrated Circuit Systems ICS8745BYLF Datasheet HTML 8Page - Integrated Circuit Systems ICS8745BYLF Datasheet HTML 9Page - Integrated Circuit Systems ICS8745BYLF Datasheet HTML 10Page - Integrated Circuit Systems ICS8745BYLF Datasheet HTML 11Page - Integrated Circuit Systems ICS8745BYLF Datasheet HTML 12Page - Integrated Circuit Systems ICS8745BYLF Datasheet HTML 13Page - Integrated Circuit Systems ICS8745BYLF Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
8745BY
www.icst.com/products/hiperclocks.html
REV. B DECEMBER 2, 2004
10
Integrated
Circuit
Systems, Inc.
ICS8745B
1:5 DIFFERENTIAL-TO-LVDS
ZERO DELAY CLOCK GENERATOR
FIGURE 5A. ICS8745B LVDS ZERO DELAY BUFFER SCHEMATIC EXAMPLE
LAYOUT GUIDELINE
The schematic of the ICS8745B layout example is shown in
Figure 5A. The ICS8745B recommended PCB board layout
for this example is shown in
Figure 5B. This layout example
is used as a general guideline. The layout in the actual sys-
U3
8745
1
2
3
4
5
6
7
8
17
18
19
20
21
22
23
24
SEL0
SEL1
CLK0
nCLK0
CLK1
nCLK1
CLK_SEL
MR
nQ1
Q1
GND
nQ2
Q2
VDDO
nQ3
Q3
SP = Space (i.e. not intstalled)
C16
10u
CLK_SEL
C2
0.1uF
VDDO=3.3V
C11
0.01u
RD3
SP
VDD
(U1-9)
VDD=3.3V
SEL[3:0] = 0101,
Divide by 2
RU3
1K
Zo = 50 Ohm
(77.76 MHz)
RU4
1K
RU5
SP
SEL0
RD4
SP
(155.5 MHz)
SEL2
RU6
1K
C4
0.1uF
C1
0.1uF
RU7
SP
3.3V PECL Driver
CLK_SEL
RD2
1K
RD5
1K
VDDO
SEL1
VDDO
(U1-28)
R8A
50
R7
10
R9
50
Zo = 50 Ohm
R2
100
Decoupling capacitor located near the power pins
R10
50
SEL3
RU2
SP
RD6
SP
R4
100
VDD
SEL0
(U1-32)
SEL2
C6
0.1uF
RD7
1K
Zo = 50 Ohm
SEL1
3.3V
(U1-16)
PLL_SEL
VDD
VDD
VDDA
(U1-22)
C5
0.1uF
Zo = 50 Ohm
LVDS_input
+
-
tem will depend on the selected component types, the den-
sity of the components, the density of the traces, and the
stack up of the P.C. board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com