Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4565FVT Datasheet(PDF) 1 Page - Rohm

Part # LM4565FVT
Description  Low Noise Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM4565FVT Datasheet(HTML) 1 Page - Rohm

  LM4565FVT Datasheet HTML 1Page - Rohm LM4565FVT Datasheet HTML 2Page - Rohm LM4565FVT Datasheet HTML 3Page - Rohm LM4565FVT Datasheet HTML 4Page - Rohm LM4565FVT Datasheet HTML 5Page - Rohm LM4565FVT Datasheet HTML 6Page - Rohm LM4565FVT Datasheet HTML 7Page - Rohm LM4565FVT Datasheet HTML 8Page - Rohm LM4565FVT Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
www.rohm.com
TSZ02201-0RAR0G200590-1-2
©2012 ROHM Co., Ltd. All rights reserved.
1/24
15.Apr.2014 Rev.003
TSZ22111・14・001
Datasheet
Operational Amplifiers
Low Noise Operational Amplifier
LM4565xxx
General Description
The LM4565xxx are low nose operational amplifiers
with high voltage gain and wide bandwidth. They have
good performance of input referred noise voltage
(5
Hz
nV/
) and total harmonic distortion (0.0002%).
These are suitable for audio applications and active
filter.
Features
 High Voltage Gain
 High Slew Rate
 Low Input Referred Noise Voltage
 Low Total Harmonic Distortion
 Wide Gain Bandwidth
Application
 Audio Application
 Consumer Equipment
 Active Filter
Key Specifications
 Operating Supply Voltage:
±2V to ±18V
 Temperature Range:
-40°C to +85°C
 Voltage Gain (RL=2kΩ):
100dB(Typ)
 Slew Rate:
5.0V/
μs (Typ)
 Gain Bandwidth:
10MHz (Typ)
 Input Referred Noise Voltage:
5
Hz
nV/
(Typ)
Package
W(Typ) xD(Typ) xH(Max)
SOP-8
5.00mm x 6.20mm x 1.71mm
SOP-J8
4.90mm x 6.00mm x 1.65mm
SSOP-B8
3.00mm x 6.40mm x 1.35mm
TSSOP-B8
3.00mm x 6.40mm x 1.20mm
MSOP8
2.90mm x 4.00mm x 0.90mm
TSSOP-B8J
3.00mm x 4.90mm x 1.10mm
Pin Configuration
LM4565F
: SOP8
LM4565FJ
: SOP-J8
LM4565FV
: SSOP-B8
LM4565FVT
: TSSOP-B8
LM4565FVM
: MSOP8
LM4565FVJ
: TSSOP-B8J
Pin No.
Pin Name
1
OUT1
2
-IN1
3
+IN1
4
VEE
5
+IN2
6
-IN2
7
OUT2
8
VCC
○Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays.
-+
+ -
CH1
CH2
8
1
2
3
4
5
6
7
OUT1
-IN1
+IN1
VEE
VCC
OUT2
-IN2
+IN2
Figure1. Pin Configuration


Similar Part No. - LM4565FVT

ManufacturerPart #DatasheetDescription
logo
Rohm
LM4565FVT-E2 ROHM-LM4565FVT-E2 Datasheet
696Kb / 28P
Low Noise Operational Amplifier
More results

Similar Description - LM4565FVT

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-27 AD-OP-27 Datasheet
703Kb / 12P
LOW NOISE, PRECISION OPERATIONAL AMPLIFIER
logo
ON Semiconductor
MC33077 ONSEMI-MC33077_04 Datasheet
178Kb / 14P
Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
Toshiba Semiconductor
TC75S61TU TOSHIBA-TC75S61TU Datasheet
206Kb / 7P
Single Operational Amplifier (Low Noise Operational Amplifier)
30-Jan-2009
TC75S63TU TOSHIBA-TC75S63TU Datasheet
243Kb / 9P
Single Operational Amplifier (Low Noise Operational Amplifier)
logo
Rohm
LM4559F ROHM-LM4559F Datasheet
380Kb / 20P
Low Noise Operational Amplifier
LM4565F ROHM-LM4565F Datasheet
379Kb / 20P
Low Noise Operational Amplifier
BA15532F ROHM-BA15532F Datasheet
571Kb / 22P
Low Noise Operational Amplifier
LM4559F-E2 ROHM-LM4559F-E2 Datasheet
849Kb / 29P
Low Noise Operational Amplifier
LM4565F-E2 ROHM-LM4565F-E2 Datasheet
696Kb / 28P
Low Noise Operational Amplifier
logo
Toshiba Semiconductor
TC75S67TU TOSHIBA-TC75S67TU Datasheet
1Mb / 11P
Single Operational Amplifier (Ultra Low Noise Operational Amplifier)
19-Aug-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com