Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K4X51163PC Datasheet(PDF) 9 Page - Samsung semiconductor

Part # K4X51163PC
Description  32M x16 Mobile-DDR SDRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4X51163PC Datasheet(HTML) 9 Page - Samsung semiconductor

Back Button K4X51163PC Datasheet HTML 5Page - Samsung semiconductor K4X51163PC Datasheet HTML 6Page - Samsung semiconductor K4X51163PC Datasheet HTML 7Page - Samsung semiconductor K4X51163PC Datasheet HTML 8Page - Samsung semiconductor K4X51163PC Datasheet HTML 9Page - Samsung semiconductor K4X51163PC Datasheet HTML 10Page - Samsung semiconductor K4X51163PC Datasheet HTML 11Page - Samsung semiconductor K4X51163PC Datasheet HTML 12Page - Samsung semiconductor K4X51163PC Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
K4X51163PC - L(F)E/G
February 2006
Mobile-DDR SDRAM
Note :
1. In order to save power consumption, Mobile-DDR SDRAM includes PASR option.
2. Mobile-DDR SDRAM supports three kinds of PASR in self refresh mode; Full array, 1/2 Array, 1/4 Array.
- Full Array
- 1/2 Array
- 1/4 Array
Partial Self Refresh Area
Figure.4 EMRS code and TCSR , PASR
Partial Array Self Refresh (PASR)
BA1=0
BA0=0
BA1=0
BA0=1
BA1=1
BA0=1
BA1=1
BA0=0
BA1=0
BA0=0
BA1=0
BA0=1
BA1=1
BA0=1
BA1=1
BA0=0
BA1=0
BA0=0
BA1=0
BA0=1
BA1=1
BA0=1
BA1=1
BA0=0
Internal Temperature Compensated Self Refresh (TCSR)
Note :
1. In order to save power consumption, Mobile DDR SDRAM includes the internal temperature sensor and control units to control the
self refresh cycle automatically according to the three temperature ranges ; 45
°C and 85 °C.
2. If the EMRS for external TCSR is issued by the controller, this EMRS code for TCSR is ignored.
3. It has +/- 5
°C tolerance.
Temperature Range
Self Refresh Current (IDD6)
Unit
- E
- G
Full Array
1/2 Array
1/4 Array
Full Array
1/2 Array
1/4 Array
45
°C*3
300
270
255
250
220
205
uA
85
°C
600
500
450
500
400
350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com