Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3249019 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3249019
Description  End cover - D-MPT 2,5-RZ
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3249019 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3249019 Datasheet HTML 1Page - PHOENIX CONTACT 3249019 Datasheet HTML 2Page - PHOENIX CONTACT 3249019 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Please be informed that the data shown in this PDF document is generated from our Online Catalog. Please find the complete data in the user
documentation. Our General Terms of Use for Downloads are valid.
End cover, length: 36 mm, height: 27.1 mm, color: gray
Commercial Data
Item number
3249019
Packing unit
50 pc
Minimum order quantity
50 pc
Product Key
BE2Z1X
GTIN
4055626429717
Weight per Piece (including packing)
1.574 g
Weight per Piece (excluding packing)
1.5 g
Country of origin
PL
End cover - D-MPT 2,5-RZ
3249019
https://www.phoenixcontact.com/us/products/3249019
Nov 16, 2022, 5:16 AM
Page 1 (3)


Similar Part No. - 3249019

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3249010 PHOENIX-3249010 Datasheet
100Kb / 3P
End cover - D-MPT 2,5-F
Nov 16, 2022
3249011 PHOENIX-3249011 Datasheet
1Mb / 53P
Mini feed-through terminal block - MPT 2,5-RZ
Nov 16, 2022
3249012 PHOENIX-3249012 Datasheet
1Mb / 53P
Mini feed-through terminal block - MPT 2,5-RZ BU
Nov 16, 2022
3249017 PHOENIX-3249017 Datasheet
71Kb / 7P
Mini feed-through terminal block - MSBV 2,5
More results

Similar Description - 3249019

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3032282 PHOENIX-3032282 Datasheet
56Kb / 3P
End cover - D-ST 2,5 BU
09/12/2020
3038503 PHOENIX-3038503 Datasheet
55Kb / 3P
End cover - D-STTBS 2,5
09/12/2020
3209522 PHOENIX-3209522 Datasheet
56Kb / 3P
End cover - D-PTU 2,5
09/11/2020
3210608 PHOENIX-3210608 Datasheet
195Kb / 3P
End cover - D-PTTBS 2,5-TWIN
05/06/2022
3211264 PHOENIX-3211264 Datasheet
53Kb / 2P
End cover - D-PTTBS 2,5/2P
09/12/2020
1073762 PHOENIX-1073762 Datasheet
1Mb / 53P
Mini feed-through terminal block - MPT 2,5-RZ-FE
Nov 16, 2022
1075386 PHOENIX-1075386 Datasheet
100Kb / 3P
End cover - D-MPT 2,5-L
Nov 16, 2022
3249010 PHOENIX-3249010 Datasheet
100Kb / 3P
End cover - D-MPT 2,5-F
Nov 16, 2022
3249011 PHOENIX-3249011 Datasheet
1Mb / 53P
Mini feed-through terminal block - MPT 2,5-RZ
Nov 16, 2022
3249012 PHOENIX-3249012 Datasheet
1Mb / 53P
Mini feed-through terminal block - MPT 2,5-RZ BU
Nov 16, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com