Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB11NM80 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB11NM80
Description  N-channel 800 V, 0.35 Ω, 11 A MDmesh™ Power MOSFET in D²PAK, TO-220FP, I²PAK, TO-220, TO-247
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB11NM80 Datasheet(HTML) 1 Page - STMicroelectronics

  STB11NM80 Datasheet HTML 1Page - STMicroelectronics STB11NM80 Datasheet HTML 2Page - STMicroelectronics STB11NM80 Datasheet HTML 3Page - STMicroelectronics STB11NM80 Datasheet HTML 4Page - STMicroelectronics STB11NM80 Datasheet HTML 5Page - STMicroelectronics STB11NM80 Datasheet HTML 6Page - STMicroelectronics STB11NM80 Datasheet HTML 7Page - STMicroelectronics STB11NM80 Datasheet HTML 8Page - STMicroelectronics STB11NM80 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
September 2011
Doc ID 9241 Rev 11
1/22
22
STB11NM80, STF11NM80
STI11NM80, STP11NM80, STW11NM80
N-channel 800 V, 0.35
Ω, 11 A MDmesh™ Power MOSFET
in D²PAK, TO-220FP, I²PAK, TO-220, TO-247
Features
■ Low input capacitance and gate charge
■ Low gate input resistance
■ Best RDS(on)*Qg in the industry
Applications
■ Switching applications
Description
These N-channel Power MOSFETs are
developed using STMicroelectronics'
revolutionary MDmesh™ technology, which
associates the multiple drain process with the
company's PowerMESH™ horizontal layout.
These devices offer extremely low on-resistance,
high dv/dt and excellent avalanche
characteristics. Utilizing ST's proprietary strip
technique, these Power MOSFETs boast an
overall dynamic performance which is superior to
similar products on the market.
Figure 1.
Internal schematic diagram
Order codes
VDSS
RDS(on)
max
RDS(on)*Qg
ID
STB11NM80
800 V
< 0.40 Ω
14
Ω*nC
11 A
STF11NM80
STI11NM80
STP11NM80
STW11NM80
TO-247
D²PAK
TO-220
TO-220FP
1
2
3
1
3
1
2
3
1
2
3
I²PAK
1
2
3
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB11NM80
B11NM80
D²PAK
Tape and reel
STF11NM80
F11NM80
TO-220FP
Tube
STI11NM80
I11NM80
I²PAK
STP11NM80
P11NM80
TO-220
STW11NM80
W11NM80
TO-247
www.st.com


Similar Part No. - STB11NM80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB11NM80 STMICROELECTRONICS-STB11NM80 Datasheet
582Kb / 14P
N-CHANNEL 800V - 0.35ohm - 11A TO-220/FP/D2PAK/TO-247 MDmesh Power MOSFET
20-Oct-2005
STB11NM80 STMICROELECTRONICS-STB11NM80 Datasheet
467Kb / 17P
N-channel 800 V - 0.35 廓 - 11 A - TO-220/FP- D2PAK - TO-247 MDmesh??Power MOSFET
20-Dec-2007
STB11NM80 STMICROELECTRONICS-STB11NM80 Datasheet
949Kb / 17P
N-channel 800 V, 0.35 Ω, 11 A MDmesh™Power MOSFET TO-220, TO-220FP, D2PAK, TO-247
24-Mar-2010
logo
Inchange Semiconductor ...
STB11NM80 ISC-STB11NM80 Datasheet
332Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STB11NM80 STMICROELECTRONICS-STB11NM80_07 Datasheet
467Kb / 17P
N-channel 800 V - 0.35 廓 - 11 A - TO-220/FP- D2PAK - TO-247 MDmesh??Power MOSFET
20-Dec-2007
More results

Similar Description - STB11NM80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP12NM50 STMICROELECTRONICS-STP12NM50 Datasheet
115Kb / 14P
N-CHANNEL 500V - 0.3W - 12A TO-220/TO-220FP/I PAK MDmesh]Power MOSFET
09-Mar-2005
STB11NM80 STMICROELECTRONICS-STB11NM80_07 Datasheet
467Kb / 17P
N-channel 800 V - 0.35 廓 - 11 A - TO-220/FP- D2PAK - TO-247 MDmesh??Power MOSFET
20-Dec-2007
STP11NM80 STMICROELECTRONICS-STP11NM80_10 Datasheet
949Kb / 17P
N-channel 800 V, 0.35 Ω, 11 A MDmesh™Power MOSFET TO-220, TO-220FP, D2PAK, TO-247
24-Mar-2010
STF18NM80 STMICROELECTRONICS-STF18NM80 Datasheet
1Mb / 21P
N-channel 800 V, 0.25 廓, 17 A, MDmesh??Power MOSFET in D짼PAK, TO-220FP, TO-220 and TO-247 packages
25-May-2012
logo
Xian Semipower Electron...
SW830D1 SEMIPOWER-SW830D1 Datasheet
911Kb / 6P
N-channel TO-220/I-PAK/D-PAK/TO-220F MOSFET
logo
STMicroelectronics
STB14N80K5 STMICROELECTRONICS-STB14N80K5 Datasheet
907Kb / 16P
N-channel 800 V, 0.400 Ω typ., 12 A MDmesh™ K5 Power MOSFET in a D²PAK package
18-Feb-2016
STB30N80K5 STMICROELECTRONICS-STB30N80K5 Datasheet
940Kb / 16P
N-channel 800 V, 0.15 Ω typ., 24 A, MDmesh™ K5 Power MOSFET in a D²PAK package
06-Jul-2016
STB10LN80K5 STMICROELECTRONICS-STB10LN80K5 Datasheet
920Kb / 16P
N-channel 800 V, 0.55 Ω typ., 8 A MDmesh™ K5 Power MOSFET in a D²PAK package
08-Feb-2016
STB13N80K5 STMICROELECTRONICS-STB13N80K5_V01 Datasheet
1Mb / 23P
N-channel 800 V, 0.37 Ω typ., 12 A MDmesh™ K5 Power MOSFETs in D²PAK, TO-220FP, TO-220 and TO-247
25-Sep-2017
STB55NF06 STMICROELECTRONICS-STB55NF06_V01 Datasheet
797Kb / 19P
N-channel 60 V, 0.015 Ω, 50 A STripFET™ II Power MOSFET in D²PAK, TO-220 and TO-220FP packages
25-May-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com