Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB18N60M2 Datasheet(PDF) 22 Page - STMicroelectronics

Part # STB18N60M2
Description  N-channel 600 V, 0.255 Ω typ., 13 A MDmesh M2 Power MOSFETs in D2PAK,I2PAK, TO-220 and TO-247 packages
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB18N60M2 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STB18N60M2 Datasheet HTML 18Page - STMicroelectronics STB18N60M2 Datasheet HTML 19Page - STMicroelectronics STB18N60M2 Datasheet HTML 20Page - STMicroelectronics STB18N60M2 Datasheet HTML 21Page - STMicroelectronics STB18N60M2 Datasheet HTML 22Page - STMicroelectronics STB18N60M2 Datasheet HTML 23Page - STMicroelectronics STB18N60M2 Datasheet HTML 24Page - STMicroelectronics STB18N60M2 Datasheet HTML 25Page - STMicroelectronics STB18N60M2 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
4.6
TO-247 package information
Figure 28. TO-247 package outline
0075325_9
STB18N60M2, STI18N60M2, STP18N60M2, STW18N60M2
TO-247 package information
DS9714 - Rev 4
page 22/27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com