Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF100N10F7 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STF100N10F7
Description  N-channel 100 V, 6.8 mΩ typ., 80 A STripFET™ F7 Power MOSFETs in D2PAK, DPAK, TO-220FP, I2PAK and TO-220 packages
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF100N10F7 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STF100N10F7 Datasheet HTML 20Page - STMicroelectronics STF100N10F7 Datasheet HTML 21Page - STMicroelectronics STF100N10F7 Datasheet HTML 22Page - STMicroelectronics STF100N10F7 Datasheet HTML 23Page - STMicroelectronics STF100N10F7 Datasheet HTML 24Page - STMicroelectronics STF100N10F7 Datasheet HTML 25Page - STMicroelectronics STF100N10F7 Datasheet HTML 26Page - STMicroelectronics STF100N10F7 Datasheet HTML 27Page - STMicroelectronics STF100N10F7 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
Revision history
Table 16. Document revision history
Date
Version
Changes
05-Oct-2012
1
Initial release.
07-Feb-2013
2
Inserted device in TO-220FP.
Updated title and features on the cover page, Table 1: Device summary, Table
2: Absolute maximum ratings, Table 3: Thermal resistance and Table 5: On/off
states accordingly.
Updated Table 6: Dynamic, Table 7: Switching times, Table 8: Source drain
diode and Section 4: Package mechanical data.
Added Section 5: Packaging mechanical data.
29-Apr-2013
3
Modified: the entire typical values in Table 6, tf typical value in Table 7, VSD
and typical values for trr, qrr, IRRM
Inserted: Table 4: Avalanche characteristics and Section 2.1: Electrical
characteristics (curves)
Minor text changes
25-Nov-2013
4
Inserted device in D2PAK.
Updated title and features on the cover page, Table 1: Device summary, Table
2: Absolute maximum ratings, Table 3: Thermal resistance and Table 5: On/off
states accordingly.
Updated Table 6: Dynamic, Section 4: Package mechanical data and Section
5: Packaging mechanical data.
18-Jun-2018
5
Added STI100N10F7 device and updated the document accordingly.
Removed maturity status indication, updated title, features and description on
cover page.
Updated Table 1. Absolute maximum ratings.
Updated Section 4 Package information.
Minor text changes
STB100N10F7,STD100N10F7,STF100N10F7,STI100N10F7,STP100N10F7
DS9291 - Rev 5
page 26/28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com