Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

I11NM80 Datasheet(PDF) 21 Page - STMicroelectronics

Part # I11NM80
Description  N-channel 800 V, 0.35 Ω, 11 A MDmesh™ Power MOSFET in D²PAK, TO-220FP, I²PAK, TO-220, TO-247
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

I11NM80 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button I11NM80 Datasheet HTML 14Page - STMicroelectronics I11NM80 Datasheet HTML 15Page - STMicroelectronics I11NM80 Datasheet HTML 16Page - STMicroelectronics I11NM80 Datasheet HTML 17Page - STMicroelectronics I11NM80 Datasheet HTML 18Page - STMicroelectronics I11NM80 Datasheet HTML 19Page - STMicroelectronics I11NM80 Datasheet HTML 20Page - STMicroelectronics I11NM80 Datasheet HTML 21Page - STMicroelectronics I11NM80 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
STB/F/I/P/W11NM80
Revision history
Doc ID 9241 Rev 11
21/22
6
Revision history
Table 14.
Document revision history
Date
Revision
Changes
30-Sep-2004
4
Preliminary version
26-Nov-2005
5
Complete version
07-Apr-2006
6
Modified value on Figure 8
15-May-2006
7
New dv/dt value on Table 5
20-Jul-2006
8
The document has been reformatted
20-Dec-2007
9
Updated ID value on Table 2: Absolute maximum ratings
24-Mar-2010
10
Inserted dv/dt value in Table 2: Absolute maximum ratings
12-Sep-2011
11
Added new package and mechanical data : I²PAK
Minor text changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com