Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPLED625H Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPLED625H
Description  N-channel 650 V, 1.7 Ω typ., 4.5 A Power MOSFET in I2PAKFP, TO-220 and IPAK packages
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPLED625H Datasheet(HTML) 3 Page - STMicroelectronics

  STPLED625H Datasheet HTML 1Page - STMicroelectronics STPLED625H Datasheet HTML 2Page - STMicroelectronics STPLED625H Datasheet HTML 3Page - STMicroelectronics STPLED625H Datasheet HTML 4Page - STMicroelectronics STPLED625H Datasheet HTML 5Page - STMicroelectronics STPLED625H Datasheet HTML 6Page - STMicroelectronics STPLED625H Datasheet HTML 7Page - STMicroelectronics STPLED625H Datasheet HTML 8Page - STMicroelectronics STPLED625H Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DocID024475 Rev 1
3/17
STFILED625H, STPLED625H, STULED625H
Electrical ratings
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
I2PAKFP
TO-220, IPAK
VDS
Drain- source voltage
620
V
VGS
Gate- source voltage
±30
V
ID
Drain current (continuous) at TC = 25 °C
4.5(1)
1.
Limited only by maximum temperature allowed
4.5
A
ID
Drain current (continuous) at TC = 100 °C
2.3(1)
2.3
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
18.0(1)
18.0
A
PTOT
Total dissipation at TC = 25 °C
25
70
W
IAR
Avalanche current, repetitive or not-
repetitive (pulse width limited by TJ max)
3.8
A
EAS
Single pulse avalanche energy
(starting TJ = 25 °C, ID = IAR, VDD = 50 V)
115
mJ
ESD
Gate-source human body model (C=100
pF, R=1.5 k
Ω)
2.5
kV
dv/dt(3)
3.
ISD ≤ 3.8 A, di/dt ≤ 400 A/µs, VDD = 80% V(BR)DSS, VDS peak ≤ V(BR)DSS
Peak diode recovery voltage slope
12
V/ns
VISO
Insulation withstand voltage (AC)
2500
V
Tstg
Storage temperature
- 55 to 150
°C
TJ
Operating junction temperature
150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
I²PAKFP
TO-220
IPAK
Rthj-case Thermal resistance junction-case max.
5
1.79
°C/W
Rthj-amb
Thermal resistance junction-ambient max
62.5
°C/W
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com