Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFW3N150 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STFW3N150
Description  N-channel 1500 V, 2.5 A, 6 Ω typ., PowerMESH Power MOSFETs in TO-3PF, H2PAK-2, TO-220 and TO247 packages
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFW3N150 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STFW3N150_V01 Datasheet HTML 14Page - STMicroelectronics STFW3N150_V01 Datasheet HTML 15Page - STMicroelectronics STFW3N150_V01 Datasheet HTML 16Page - STMicroelectronics STFW3N150_V01 Datasheet HTML 17Page - STMicroelectronics STFW3N150_V01 Datasheet HTML 18Page - STMicroelectronics STFW3N150_V01 Datasheet HTML 19Page - STMicroelectronics STFW3N150_V01 Datasheet HTML 20Page - STMicroelectronics STFW3N150_V01 Datasheet HTML 21Page - STMicroelectronics STFW3N150_V01 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Contents
1
Electrical ratings ..................................................................2
2
Electrical characteristics...........................................................3
2.1
Electrical characteristics (curves) ................................................. 5
3
Test circuits .......................................................................8
4
Package information...............................................................9
4.1
TO-220 type A package information ............................................... 9
4.2
H²PAK-2 package information ................................................... 11
4.3
TO-247 package information .................................................... 13
4.4
TO-3PF package information.................................................... 15
4.5
Packing information ........................................................... 17
5
Ordering information .............................................................19
Revision history .......................................................................20
STFW3N150, STH3N150-2, STP3N150, STW3N150
Contents
DS5052 - Rev 12
page 21/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com