Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STFW3N150 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STFW3N150
Description  N-channel 1500 V, 2.5 A, 6 Ω typ., PowerMESH Power MOSFETs in TO-3PF, H2PAK-2, TO-220 and TO247 packages
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFW3N150 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STFW3N150 Datasheet HTML 14Page - STMicroelectronics STFW3N150 Datasheet HTML 15Page - STMicroelectronics STFW3N150 Datasheet HTML 16Page - STMicroelectronics STFW3N150 Datasheet HTML 17Page - STMicroelectronics STFW3N150 Datasheet HTML 18Page - STMicroelectronics STFW3N150 Datasheet HTML 19Page - STMicroelectronics STFW3N150 Datasheet HTML 20Page - STMicroelectronics STFW3N150 Datasheet HTML 21Page - STMicroelectronics STFW3N150 Datasheet HTML 22Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
Revision history
Table 14. Document revision history
Date
Revision
Changes
12-Jan-2007
1
First release
17-Apr-2007
2
Added new value on Table 6.
14-May-2007
3
The document has been reformatted
29-Aug-2007
4
RDS(on) value changed, updated Figure 15
09-Apr-2008
5
Added new package: TO-3PF
13-Feb-2009
6
Added PTOT value for TO-3PF (Table 2: Absolute maximum ratings)
01-Dec-2009
7
– Document status promoted from preliminary data to datasheet
– Removed TO-220FH package and mechanical data
10-Dec-2009
8
Corrected VISO value in Table 2: Absolute maximum ratings
29-Jun-2010
9
Corrected unit in Table 3.
08-Feb-2013
10
– Minor text changes
– Modified: Table 3
– Changed: Figure 1
– Added: H2PAK-2 package
18-Feb-2014
11
– Modified: Figure 1
– Updated: Figure 18, 19, 20 and 21
– Updated: Figure 27 and Table 11
– Updated: Section 4: Package mechanical data
– Minor text changes
12-May-2020
12
Updated Section 5 Ordering information.
Minor text changes.
STFW3N150, STH3N150-2, STP3N150, STW3N150
DS5052 - Rev 12
page 20/22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com