Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW3N150 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW3N150
Description  N-channel 1500 V, 2.5 A, 6 Ω typ., PowerMESH Power MOSFETs in TO-3PF, H2PAK-2, TO-220 and TO247 packages
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW3N150 Datasheet(HTML) 1 Page - STMicroelectronics

  STW3N150 Datasheet HTML 1Page - STMicroelectronics STW3N150 Datasheet HTML 2Page - STMicroelectronics STW3N150 Datasheet HTML 3Page - STMicroelectronics STW3N150 Datasheet HTML 4Page - STMicroelectronics STW3N150 Datasheet HTML 5Page - STMicroelectronics STW3N150 Datasheet HTML 6Page - STMicroelectronics STW3N150 Datasheet HTML 7Page - STMicroelectronics STW3N150 Datasheet HTML 8Page - STMicroelectronics STW3N150 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TO-3PF
1
2
3
1
2
3
TAB
TO-220
1
2
3
TO-247
1
3
2
TAB
H PAK-2
2
AM15557v1
(TO-3PF, TO-220 and TO-247)
S(2, 3)
S(3)
D(TAB)
D(2, TAB)
G(1)
G(1)
(H PAK-2)
2
Features
Order codes
VDS
RDS(on) max.
ID
PTOT
STFW3N150
1500 V
9 Ω
2.5 A
63 W
STH3N150-2
140 W
STP3N150
STW3N150
•
100% avalanche tested
•
Intrinsic capacitances and Qg minimized
•
High speed switching
•
Fully isolated TO-3PF plastic package, creepage distance path is 5.4 mm (typ.)
Applications
•
Switching applications
Description
These Power MOSFETs are designed using the STMicroelectronics consolidated
strip-layout-based MESH OVERLAY process. The result is a product that matches or
improves on the performance of comparable standard parts from other
manufacturers.
Product status link
STFW3N150
STH3N150-2
STP3N150
STW3N150
N-channel 1500 V, 2.5 A, 6 Ω typ., PowerMESH Power MOSFETs
in TO-3PF, H2PAK-2, TO-220 and TO247 packages
STFW3N150, STH3N150-2
STP3N150, STW3N150
Datasheet
DS5052 - Rev 12 - May 2020
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STW3N150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW3N150 STMICROELECTRONICS-STW3N150 Datasheet
484Kb / 16P
N-channel 1500 V, 6 Ω, 2.5 A, PowerMESH??Power MOSFET
13-Feb-2009
STW3N150 STMICROELECTRONICS-STW3N150 Datasheet
765Kb / 15P
N-channel 1500 V, 6 Ω, 2.5 A, PowerMESH??Power MOSFET in TO-220, TO-247, TO-3PF
29-Jun-2010
logo
Inchange Semiconductor ...
STW3N150 ISC-STW3N150 Datasheet
347Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STW3N150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFW4N150 STMICROELECTRONICS-STFW4N150_09 Datasheet
762Kb / 15P
N-channel 1500 V, 5 Ω, 4 A, PowerMESH??Power MOSFET in TO-220, TO-247, TO-3PF
23-Jul-2009
STFW3N150 STMICROELECTRONICS-STFW3N150_10 Datasheet
765Kb / 15P
N-channel 1500 V, 6 Ω, 2.5 A, PowerMESH??Power MOSFET in TO-220, TO-247, TO-3PF
29-Jun-2010
STP6N120K3 STMICROELECTRONICS-STP6N120K3 Datasheet
798Kb / 17P
N-channel 1200 V, 1.95 Ω typ., 6 A SuperMESH3??Power MOSFET in TO-3PF, TO-220 and TO-247 packages
14-Nov-2012
STFW6N120K3 STMICROELECTRONICS-STFW6N120K3 Datasheet
798Kb / 17P
N-channel 1200 V, 1.95 Ohm typ., 6 A SuperMESH3 Power MOSFET in TO-3PF, TO-220 and TO-247 packages
14-Nov-2012
STH270N8F7-2 STMICROELECTRONICS-STH270N8F7-2 Datasheet
1Mb / 21P
N-channel 80 V, 0.0017 typ., 180 A, STripFET VII DeepGATE Power MOSFETs in H2PAK-2, H2PAK-6 and TO-220
11-Oct-2013
STP26N60M2 STMICROELECTRONICS-STP26N60M2 Datasheet
804Kb / 16P
N-channel 600 V, 0.14 Ω typ., 20 A MDmesh™ M2 Power MOSFETs in TO-220 and TO-247 packages
March 2017 Rev 2
STF20N65M5 STMICROELECTRONICS-STF20N65M5_V01 Datasheet
1Mb / 18P
N-channel 650 V, 0.160 Ω typ., 18 A MDmesh M5 Power MOSFETs in TO-220FP, I²PAKFP and TO-3PF packages
22-Mar-2017
STF40N60M2 STMICROELECTRONICS-STF40N60M2_V01 Datasheet
886Kb / 18P
N-channel 600 V, 0.078 Ω typ., 34 A MDmesh M2 Power MOSFETs in TO-220FP, I2PAKFP and TO-3PF packages
28-Sep-2016
STH260N4LF7-2 STMICROELECTRONICS-STH260N4LF7-2 Datasheet
598Kb / 17P
N-channel 40 V, 1.2 mΩ typ., 180 A, STripFET™ F7 Power MOSFETs in H2PAK-2 and H2PAK-6 packages
24-Nov-2015
STD3NK80Z-1 STMICROELECTRONICS-STD3NK80Z-1_V01 Datasheet
1Mb / 29P
N-channel 800 V, 3.8 Ω typ., 2.5 A SuperMESH™ Power MOSFETs in IPAK, DPAK, TO-220FP, TO-220 packages
06-Apr-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com