Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGIPL14K60 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STGIPL14K60
Description  SLLIMM™ (small low-loss intelligent molded module)IPM, 3-phase inverter, 15 A, 600 V short-circuit rugged IGBT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPL14K60 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STGIPL14K60_V01 Datasheet HTML 9Page - STMicroelectronics STGIPL14K60_V01 Datasheet HTML 10Page - STMicroelectronics STGIPL14K60_V01 Datasheet HTML 11Page - STMicroelectronics STGIPL14K60_V01 Datasheet HTML 12Page - STMicroelectronics STGIPL14K60_V01 Datasheet HTML 13Page - STMicroelectronics STGIPL14K60_V01 Datasheet HTML 14Page - STMicroelectronics STGIPL14K60_V01 Datasheet HTML 15Page - STMicroelectronics STGIPL14K60_V01 Datasheet HTML 16Page - STMicroelectronics STGIPL14K60_V01 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
DocID15589 Rev 11
13/26
STGIPL14K60, STGIPL14K60-S
Electrical characteristics
26
Equation 1: resistance variation vs. temperature
Where T are temperatures in Kelvin.
RT
()
R
25
e
B
1
T
---
1
298
----------
–


⋅
=
Figure 7. NTC resistance vs. temperature
Figure 8. NTC resistance vs. temperature zoom
0
20
40
60
80
100
NTC (kΩ)
-40
-20
0
20
40
60
80
100 T (°C)
AM03795v2
0
0.2
0.4
0.6
0.8
1.0
NTC (kΩ)
50
60
70
80
90
100
110
120 T (°C)
1.2
1.4
1.6
1.8
Max
Min
Typ
AM03795_2v3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com