Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGIPN3HD60-H Datasheet(PDF) 19 Page - STMicroelectronics

Part # STGIPN3HD60-H
Description  SLLIMM-nano IPM, 3 A, 600 V 3-phase inverter bridge IGBT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPN3HD60-H Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STGIPN3HD60-H Datasheet HTML 13Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 14Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 15Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 16Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 17Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 18Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 19Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 20Page - STMicroelectronics STGIPN3HD60-H Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Revision history
Table 17. Document revision history
Date
Revision
Changes
05-Sep-2016
1
Initial release.
08-Jun-2017
2
Modified Figure 2: "Pin layout (top view)", Table 11: "Logic inputs (VCC = 15 V unless
otherwise specified)".
Minor text changes.
07-Jan-2020
3
Removed maturity status indication from cover page.
Modified Inverter part, Table 5. Thermal data and Table 6. Static.
Modified Section 3.2 Control part, Section 4 Shutdown function and Guidelines.
Minor text changes.
STGIPN3HD60-H
DS11784 - Rev 3
page 19/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com