Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP7NB60M Datasheet(PDF) 2 Page - STMicroelectronics

Part # STGP7NB60M
Description  N-CHANNEL 7A - 600V TO-220 / DPAK PowerMESH™ IGBT
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP7NB60M Datasheet(HTML) 2 Page - STMicroelectronics

  STGP7NB60M Datasheet HTML 1Page - STMicroelectronics STGP7NB60M Datasheet HTML 2Page - STMicroelectronics STGP7NB60M Datasheet HTML 3Page - STMicroelectronics STGP7NB60M Datasheet HTML 4Page - STMicroelectronics STGP7NB60M Datasheet HTML 5Page - STMicroelectronics STGP7NB60M Datasheet HTML 6Page - STMicroelectronics STGP7NB60M Datasheet HTML 7Page - STMicroelectronics STGP7NB60M Datasheet HTML 8Page - STMicroelectronics STGP7NB60M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
STGP7NB60M - STGD7NB60M
2/11
ABSOLUTE MAXIMUM RATINGS
( ) Pulse width limited by safe operating area
THERMAL DATA
ELECTRICAL CHARACTERISTICS (TCASE = 25 °C UNLESS OTHERWISE SPECIFIED)
OFF
ON (1)
Symbol
Parameter
Value
Unit
TO-220
DPAK
VCES
Collector-Emitter Voltage (VGS =0)
600
V
VGE
Gate-Emitter Voltage
±20
V
IC
Collector Current (continuous) at TC =25°C
14
A
IC
Collector Current (continuous) at TC =100°C
7A
ICM ( )
Collector Current (pulsed)
56
A
PTOT
Total Dissipation at TC = 25°C
80
70
W
Derating Factor
0.64
0.56
W/°C
Tstg
Storage Temperature
– 55 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
TO-220
DPAK
Rthj-case
Thermal Resistance Junction-case Max
1.56
1.78
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max
62.5
100
°C/W
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VBR(CES) Collector-Emitter Breakdown
Voltage
IC = 250 µA, VGE =0
600
V
ICES
Collector cut-off
(VGE =0)
VCE = Max Rating, TC =25°C
50
µA
VCE = Max Rating, TC = 125 °C
100
µA
IGES
Gate-Emitter Leakage
Current (VCE =0)
VGE =± 20V,VCE = 0
±100
nA
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VGE(th)
Gate Threshold Voltage
VCE =VGE,IC =250 µA
35
V
VCE(sat)
Collector-Emitter Saturation
Voltage
VGE = 15V, IC =7A
1.5
1.9
V
VGE = 15V, IC= 7 A, Tj =125°C
1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com