Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G60V60DF Datasheet(PDF) 19 Page - STMicroelectronics

Part # G60V60DF
Description  Trench gate field-stop IGBT, V series 600 V, 60 A very high speed
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

G60V60DF Datasheet(HTML) 19 Page - STMicroelectronics

Back Button G60V60DF Datasheet HTML 12Page - STMicroelectronics G60V60DF Datasheet HTML 13Page - STMicroelectronics G60V60DF Datasheet HTML 14Page - STMicroelectronics G60V60DF Datasheet HTML 15Page - STMicroelectronics G60V60DF Datasheet HTML 16Page - STMicroelectronics G60V60DF Datasheet HTML 17Page - STMicroelectronics G60V60DF Datasheet HTML 18Page - STMicroelectronics G60V60DF Datasheet HTML 19Page - STMicroelectronics G60V60DF Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
DocID024154 Rev 7
19/20
STGW60V60DF, STGWA60V60DF, STGWT60V60DF
Revision history
5
Revision history
Table 11. Document revision history
Date
Revision
Changes
15-Jan-2013
1
Initial release.
23-Apr-2013
2
Added:
– New order code STGWT60V60DF and new package
mechanical data TO-3P Table 9 on page 16, Figure 33
on page 15.
– Section 2.1: Electrical characteristics (curves) on
page 6.
04-Jun-2013
3
Updated Table 4: Static characteristics
and Figure 12 on page 7.
Document status changed from preliminary to production data.
21-Jun-2013
4
Updated Figure 3: Collector current vs. temperature case
.
12-Jul-2013
5
Updated RthJC value for Diode in Table 3: Thermal data.
21-Oct-2013
6
Updated title, features and description in cover page.
28-Sep-2016
7
Added part number STGWA60V60DF and TO-247 long leads
package information.
Updated Table 2 Table 4 and Table 6.
Updated Figure 10: Transfer characteristics.
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com