Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW60V60DF Datasheet(PDF) 1 Page - STMicroelectronics

Part # GW60V60DF
Description  Trench gate field-stop IGBT, V series 600 V, 60 A very high speed
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GW60V60DF Datasheet(HTML) 1 Page - STMicroelectronics

  GW60V60DF Datasheet HTML 1Page - STMicroelectronics GW60V60DF Datasheet HTML 2Page - STMicroelectronics GW60V60DF Datasheet HTML 3Page - STMicroelectronics GW60V60DF Datasheet HTML 4Page - STMicroelectronics GW60V60DF Datasheet HTML 5Page - STMicroelectronics GW60V60DF Datasheet HTML 6Page - STMicroelectronics GW60V60DF Datasheet HTML 7Page - STMicroelectronics GW60V60DF Datasheet HTML 8Page - STMicroelectronics GW60V60DF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
This is information on a product in full production.
September 2016
DocID024154 Rev 7
1/20
20
STGW60V60DF, STGWA60V60DF
STGWT60V60DF
Trench gate field-stop IGBT, V series
600 V, 60 A very high speed
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• Maximum junction temperature: TJ = 175 °C
• Tail-less switching off
• VCE(sat) = 1.85 V (typ.) @ IC = 60 A
• Tight parameter distribution
• Safe paralleling
• Low thermal resistance
• Very fast soft recovery antiparallel diode
Applications
• Photovoltaic inverters
• Uninterruptible power supply
• Welding
• Power factor correction
• Very high frequency converters
Description
These devices are IGBTs developed using an
advanced proprietary trench gate field-stop
structure. These devices are part of the V series
of IGBTs, which represents an optimum
compromise between conduction and switching
losses to maximize the efficiency of very high
frequency converters. Furthermore, a positive
VCE(sat) temperature coefficient and very tight
parameter distribution result in safer paralleling
operation.
C (2 or TAB)
G (1)
E (3)
TO-247
1
2
3
TO-3P
1
2
3
TAB
TO-247 long leads
Table 1. Device summary
Order code
Marking
Package
Packing
STGW60V60DF
GW60V60DF
TO-247
Tube
STGWA60V60DF
G60V60DF
TO-247 long leads
Tube
STGWT60V60DF
GWT60V60DF
TO-3P
Tube
www.st.com


Similar Part No. - GW60V60DF

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
GW60N60TS LUGUANG-GW60N60TS Datasheet
1Mb / 8P
600V/60A Trench Field Stop IGBT
Revision:20201218-P1
GW60N65SEU LUGUANG-GW60N65SEU Datasheet
525Kb / 2P
650V/60A Trehch Field Stop IGBT
Revision:20200722-P1
More results

Similar Description - GW60V60DF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGW60V60DF STMICROELECTRONICS-STGW60V60DF Datasheet
1Mb / 16P
Trench gate field-stop IGBT, V series 600 V, 60 A very high speed
21-Oct-2013
logo
List of Unclassifed Man...
STGP20V60DF ETC2-STGP20V60DF Datasheet
2Mb / 23P
600 V, 20 A very high speed trench gate field-stop IGBT
logo
STMicroelectronics
STGB40V60F STMICROELECTRONICS-STGB40V60F Datasheet
1Mb / 24P
Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
23-Apr-2014
STGFW20V60DF STMICROELECTRONICS-STGFW20V60DF Datasheet
709Kb / 15P
Trench gate field-stop IGBT, V series 600 V, 20 A very high speed
14-Feb-2017
STGFW20V60F STMICROELECTRONICS-STGFW20V60F Datasheet
1Mb / 19P
600 V, 20 A very high speed trench gate field-stop IGBT
11-Jul-2013
STGFW30V60DF STMICROELECTRONICS-STGFW30V60DF Datasheet
1Mb / 15P
Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
31-Mar-2014
STGFW30V60F STMICROELECTRONICS-STGFW30V60F Datasheet
1Mb / 19P
Trench gate field-stop IGBT, V series 600 V, 30 A very high speed
08-Apr-2014
STGFW40V60DF STMICROELECTRONICS-STGFW40V60DF Datasheet
1Mb / 21P
Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
23-Apr-2014
STGFW80V60F STMICROELECTRONICS-STGFW80V60F Datasheet
1Mb / 19P
Trench gate field-stop IGBT, V series 600 V, 80 A very high speed
22-May-2014
STGW40V60DLF STMICROELECTRONICS-STGW40V60DLF Datasheet
1Mb / 17P
Trench gate field-stop IGBT, V series 600 V, 40 A very high speed
21-Oct-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com