Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGWT15H60F Datasheet(PDF) 13 Page - STMicroelectronics

Part # STGWT15H60F
Description  Trench gate field-stop IGBT, H series 600 V, 15 A high speed
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWT15H60F Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STGWT15H60F Datasheet HTML 7Page - STMicroelectronics STGWT15H60F Datasheet HTML 8Page - STMicroelectronics STGWT15H60F Datasheet HTML 9Page - STMicroelectronics STGWT15H60F Datasheet HTML 10Page - STMicroelectronics STGWT15H60F Datasheet HTML 11Page - STMicroelectronics STGWT15H60F Datasheet HTML 12Page - STMicroelectronics STGWT15H60F Datasheet HTML 13Page - STMicroelectronics STGWT15H60F Datasheet HTML 14Page - STMicroelectronics STGWT15H60F Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
STGWT15H60F
Package information
DocID030296 Rev 1
13/15
Table 8: TO-3P package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.60
4.80
5.00
A1
1.45
1.50
1.65
A2
1.20
1.40
1.60
b
0.80
1.00
1.20
b1
1.80
2.00
2.20
b2
2.80
3.00
3.20
c
0.55
0.60
0.75
D
19.70
19.90
20.10
D1
13.70
13.90
14.10
E
15.40
15.60
15.80
E1
13.40
13.60
13.80
E2
9.40
9.60
9.90
e
5.15
5.45
5.75
L
19.80
20.00
20.20
L1
3.30
3.50
3.70
L2
18.20
18.40
18.60
ØP
3.30
3.40
3.50
ØP1
3.10
3.20
3.30
Q
4.80
5.00
5.20
Q1
3.60
3.80
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com