Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5032MTC Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM5032MTC
Description  High Voltage Dual Interleaved Current Mode Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM5032MTC Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM5032MTC Datasheet HTML 9Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 10Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 11Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 12Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 13Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 14Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 15Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 16Page - National Semiconductor (TI) LM5032MTC Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
Hiccup Mode Current Limit Restart
(Continued)
The 10 µA discharge current source at RES is enabled
pulling the RES pin to ground.
b) Current limit repeatedly detected at both CS inputs:
The 20 µA current source at RES is enabled continuously to
charge the RES pin capacitor as shown in Figure 18. The
current limit comparators also terminate the PWM output
pulses to provide a cycle-by-cycle current limiting. When the
voltage on the RES capacitor reaches the 2.55V restart
comparator threshold, the comparator sets the Restart Latch
which produces the following restart sequence:
•
The SS1 and SS2 pin charging currents are reduced from
50µA to 1 µA.
•
An internal MOSFET is turned on to discharge the RES
pin capacitor.
•
The internal MOSFETs at SS1 and SS2 are turned on to
discharge the Soft-start capacitors.
•
COMP1 and COMP2 follow SS1 and SS2 respectively
and reduce the PWM duty cycles to zero.
•
When the voltages at the SS pins fall below 200mV, the
internal MOSFETs at the SS pins are turned off allowing
the SS pins to be charged by the 1µA current sources.
•
When either SS pin reaches )1.5V its PWM controller
produces the first pulse of a soft-start sequence which
resets the Restart Latch. The SS charging currents are
increased to 50 µA and the soft-start sequence continues
at the normal rate.
If the overload condition still exists, the voltage at RES
begins to increase again and repeat the restart cycle as
shown in Figure 18. If the overload condition has been
cleared, the RES pin is held at ground by the 10 µA current
source.
c) Current limit repeatedly detected at one of the two CS
inputs:
In this condition the RES pin capacitor is charged by the 20
µA current source once each clock cycle of the current
limited regulator, and discharged by the 10 µA current source
once each clock cycle of the unaffected regulator. The volt-
age at the RES pin increases one fourth as fast as in case b)
described above. The current limited regulator operates in a
cycle-by-cycle current limit mode until the voltage at RES
reaches the 2.55V threshold. When the Restart Comparator
output switches high the Restart Latch is set, both SS pin
capacitors are discharged to disable the regulator channels,
and a restart sequence begins as described in case b)
above.
To determine the value of the RES pin capacitor, see the
Applications Information section.
20135023
FIGURE 17. Current Limit Restart Circuit
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com