Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAT54SW Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BAT54SW
Description  SURFACE MOUNT SCHOTTKY BARRIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAT54SW Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BAT54SW Datasheet HTML 1Page - Pan Jit International Inc. BAT54SW Datasheet HTML 2Page - Pan Jit International Inc. BAT54SW Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Part Number: BAT54W, BAT54AW, BAT54CW, BAT54SW
PAGE 1
BAT54W, BAT54AW, BAT54CW, BAT54SW
SURFACE MOUNT SCHOTTKY BARRIER
VOLTAGE
30 Volts
0.2 Ampers
FEATURES
• Low turn-on voltage
• Fast switching
• PN Junction Guard Ring for Transient and ESD Protection.
MECHANICAL DATA
Case: SOT-323, Plastic
Terminals: Solderable per MIL-STD-202, Method 208
Approx. Weight: 0.008 gram
Marking: L4, L42, L43, L44
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25OC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
PACKAGE
SOT-323
CURRENT
r
e
t
e
m
a
r
a
P
l
o
b
m
y
S
W
4
5
T
A
B
W
A
4
5
T
A
B
W
C
4
5
T
A
B
W
S
4
5
T
A
B
s
t
i
n
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
e
v
i
t
i
t
e
p
e
R
k
a
e
P
VRRM
0
30
30
30
3V
5
2
=
a
T
t
a
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
OC
IO
2
.
0
2
.
0
2
.
0
2
.
0
A
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
,
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
e
v
a
w
-
e
n
i
s
IFSM
6
.
06
.
06
.
06
.
0A
e
g
a
t
l
o
V
d
r
a
w
r
o
F
s
u
o
e
n
a
t
n
a
t
s
n
I
m
u
m
i
x
a
M
VF
I
@
2
3
.
0
F
=A
1
0
0
.
0
I
@
0
.
1
F
A
1
.
0
=
V
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
t
a
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
IR
V
@
2
0
0
.
0
R
V
5
2
=
A
m
r
i
A
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
R
θ A
J
5
3
6
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
TJ
5
2
1
+
O
T
5
5
-
OC
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
TSTG
5
2
1
+
O
T
5
5
-
OC
BAT54W
SINGLE
COMMON ANODE
BAT54AW
COMMON CATHODE
BAT54CW
SERIES
BAT54SW


Similar Part No. - BAT54SW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT54SW PHILIPS-BAT54SW Datasheet
29Kb / 5P
Schottky barrier double diodes
1996 Mar 19
logo
STMicroelectronics
BAT54SW STMICROELECTRONICS-BAT54SW Datasheet
52Kb / 5P
SMALL SIGNAL SCHOTTKY DIODE
Jun-1999
logo
Diodes Incorporated
BAT54SW DIODES-BAT54SW Datasheet
52Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30065 Rev. 2P-1
logo
Diotec Semiconductor
BAT54SW DIOTEC-BAT54SW Datasheet
384Kb / 2P
Surface mount Schottky-Barrier Double-Diodes
logo
Comchip Technology
BAT54SW COMCHIP-BAT54SW Datasheet
108Kb / 2P
Surface Mount Schottky Diode
More results

Similar Description - BAT54SW

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54TG PANJIT-BAT54TG_09 Datasheet
111Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
Taiwan Semiconductor Co...
TSS42U TSC-TSS42U_14 Datasheet
186Kb / 4P
Surface Mount Schottky Barrier
logo
Pan Jit International I...
BAT54 PANJIT-BAT54_16 Datasheet
147Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2 PANJIT-BAT54FN2_16 Datasheet
191Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2-AU PANJIT-BAT54FN2-AU Datasheet
194Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER
BAT54STB-AU PANJIT-BAT54STB-AU_16 Datasheet
246Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER
BAT54TB PANJIT-BAT54TB_16 Datasheet
279Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER
BAT54TM PANJIT-BAT54TM_16 Datasheet
146Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER
SS0840WS PANJIT-SS0840WS_16 Datasheet
212Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER
BAT42W PANJIT-BAT42W_16 Datasheet
211Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com