Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H753AI Datasheet(PDF) 19 Page - STMicroelectronics

Part # STM32H753AI
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, 2MB Flash,1MB RAM, 46 com. and analog interfaces, crypto
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H753AI Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STM32H753AI Datasheet HTML 15Page - STMicroelectronics STM32H753AI Datasheet HTML 16Page - STMicroelectronics STM32H753AI Datasheet HTML 17Page - STMicroelectronics STM32H753AI Datasheet HTML 18Page - STMicroelectronics STM32H753AI Datasheet HTML 19Page - STMicroelectronics STM32H753AI Datasheet HTML 20Page - STMicroelectronics STM32H753AI Datasheet HTML 21Page - STMicroelectronics STM32H753AI Datasheet HTML 22Page - STMicroelectronics STM32H753AI Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 361 page
background image
DS12117 Rev 8
19/360
STM32H753xI
Description
53
Table 2. STM32H753xI features and peripheral counts
Peripherals
STM32H753
VI
STM32H753
ZI
STM32H753
AI
STM32H753
II
STM32H753
BI
STM32H753
XI
Flash memory in Kbytes
2 x 1 Mbyte
SRAM in Kbytes
SRAM mapped
onto AXI bus
512
SRAM1 (D2
domain)
128
SRAM2 (D2
domain)
128
SRAM3 (D2
domain)
32
SRAM4 (D3
domain)
64
TCM RAM in Kbytes
ITCM RAM
(instruction)
64
DTCM RAM
(data)
128
Backup SRAM (Kbytes)
4
FMC
Yes(1)
GPIOs
82
114
131
140
168
Quad-SPI interface
Yes
Ethernet
Yes
Timers
High-resolution
1
General-
purpose
10
Advanced-
control (PWM)
2
Basic
2
Low-power
5
Wakeup pins
Tamper pins
4
2
5
2
6
3
Random number generator
Yes
Cryptographic accelerator
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com