Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L062K8 Datasheet(PDF) 120 Page - STMicroelectronics

Part # STM32L062K8
Description  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 64 KB Flash,8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC, AES
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L062K8 Datasheet(HTML) 120 Page - STMicroelectronics

Back Button STM32L062K8 Datasheet HTML 116Page - STMicroelectronics STM32L062K8 Datasheet HTML 117Page - STMicroelectronics STM32L062K8 Datasheet HTML 118Page - STMicroelectronics STM32L062K8 Datasheet HTML 119Page - STMicroelectronics STM32L062K8 Datasheet HTML 120Page - STMicroelectronics STM32L062K8 Datasheet HTML 121Page - STMicroelectronics STM32L062K8 Datasheet HTML 122Page - STMicroelectronics STM32L062K8 Datasheet HTML 123Page - STMicroelectronics STM32L062K8 Datasheet HTML 124Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 120 / 124 page
background image
Revision history
STM32L062x8
120/124
DS10183 Rev 11
05-
Sep-
2014
4
Extended operating temperature range to 125 °C.
Updated minimum ADC operating voltage to 1.65 V.
Replaced USART3 by LPUART1 in Table 15: STM32L062x8 pin definitions,
Table 16: Alternate functions for port A, and Table 17: Alternate functions for
port B.
Updated temperature range in Section 2: Description, Table 1: Ultra-low-power
STM32L062x8 device features and peripheral counts.
Updated PD, TA and TJ to add range 3 in Table 21: General operating conditions.
Added range 3 in Table 45: Flash memory and data EEPROM endurance and
retention and Table : . Update note 1 in Table 25: Current consumption in Run
mode, code with data processing running from Flash, Table 26: Current
consumption in Run mode, code with data processing running from RAM,
Table 27: Current consumption in Sleep mode, Table 28: Current consumption
in Low-power run mode, Table 29: Current consumption in Low-power sleep
mode, Table 30: Typical and maximum current consumptions in Stop mode,
Table 31: Typical and maximum current consumptions in Standby mode and
Table 35: Low-power mode wakeup timings. Updated Figure 45: Thermal
resistance and removed note 1. Updated Figure 12: IDD vs VDD, at TA=
25/55/85/105 °C, Run mode, code running from Flash memory, Range 2,
HSI16, 1WS, Figure 13: IDD vs VDD, at TA= 25/55/ 85/105/125 °C, Low-power
run mode, code running from RAM, Range 3, MSI (Range 0) at 64 KHz, 0 WS,
Figure 14: IDD vs VDD, at TA= 25/55/ 85/105/125 °C, Stop mode with RTC
enabled and running on LSE Low drive.
Updated Table 31: Typical and maximum current consumptions in Standby
mode.
Updated SYSCFG in Table 33: Peripheral current consumption in Run or Sleep
mode.
Updated Table 34: Peripheral current consumption in Stop and Standby mode
and Table 35: Low-power mode wakeup timings.
Updated ACCHSI16 temperature conditions in Table 38: 16 MHz HSI16
oscillator characteristics. Changed ambient temperature range in note 1 below
Table 39: HSI48 oscillator characteristics.
Updated VF(NRST) and VNF(NRST) in Table 54: NRST pin characteristics.
Updated Table 55: ADC characteristics and Table 57: ADC accuracy.
Added range 3 in Table : .
Table 79. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com