Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L062K8 Datasheet(PDF) 123 Page - STMicroelectronics

Part # STM32L062K8
Description  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 64 KB Flash,8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC, AES
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L062K8 Datasheet(HTML) 123 Page - STMicroelectronics

Back Button STM32L062K8 Datasheet HTML 116Page - STMicroelectronics STM32L062K8 Datasheet HTML 117Page - STMicroelectronics STM32L062K8 Datasheet HTML 118Page - STMicroelectronics STM32L062K8 Datasheet HTML 119Page - STMicroelectronics STM32L062K8 Datasheet HTML 120Page - STMicroelectronics STM32L062K8 Datasheet HTML 121Page - STMicroelectronics STM32L062K8 Datasheet HTML 122Page - STMicroelectronics STM32L062K8 Datasheet HTML 123Page - STMicroelectronics STM32L062K8 Datasheet HTML 124Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 123 / 124 page
background image
DS10183 Rev 11
123/124
STM32L062x8
Revision history
123
11-
Sep-
2017
9
Memories and I/Os moved after Core in Features.
Removed column "I/O operation" from Table 2: Functionalities depending on
the operating power supply range and added note related to GPIO speed.
Updated VDD_USB in Section 3.4.1: Power supply schemes.
In Section 5: Memory mapping, replaced memory mapping schematic by
reference to the reference manual.
Updated minimum and maximum values of I/O weak pull-up equivalent resistor
(RPU) and weak pull-down equivalent resistor (RPD) in Table 51: I/O static
characteristics.
Updated minimum and maximum values of NRST weak pull-up equivalent
resistor (RPU) in Table 54: NRST pin characteristics.
Removed Table 90: USART/LPUART characteristics.
Updated note below marking schematics.
19-
Nov-
2019
10
Added UFQFPN48 as well as STM32L062C8 par number.
Updated Arm logo and added Arm word mark notice in Section 1: Introduction.
Removed Cortex and USB logos.
Updated Table 4: Functionalities depending on the working mode (from
Run/active down to standby) to change I2C functionality to disabled in Low-
power Run and Low-power Sleep modes.
Changed PC14-OSC_IN into PC14-OSC32_IN in Figure 6: STM32L062x8
UFQFPN32 pinout.
Updated VDD_USB description in Section 3.4.1: Power supply schemes.
Changed USARTx_RTS, USARTx_RTS_DE into USARTx_RTS/USARTx_DE,
and LPUART1_RTS, LPUART1_RTS_DE into LPUART1_RTS/LPUART1_DE
in Section 4: Pin descriptions and in all alternate function tables.
In Table 18: Voltage characteristics, added VDD_USB in the list of External main
supply voltage, and in note 1. and 3. Added ΣIVDD_USB In Table 18: Voltage
characteristics.
Updated VDD_USB and note 2. in Table 21: General operating conditions.
Removed R10K and R400K from Table 61: Comparator 1 characteristics.
Updated tAF maximum value for range 1 in Table 64: I2C analog filter
characteristics.
Updated Figure 42: UFQFPN32 - 32-pin, 5x5 mm, 0.5 mm pitch ultra thin fine
pitch quad flat package outline and added note related to exposed pad;
updated Table 77: UFQFPN32 - 32-pin, 5x5 mm, 0.5 mm pitch ultra thin fine
pitch quad flat package mechanical data.
Updated paragraph introducing all package marking schematics to add the new
sentence “The printed markings may differ depending on the supply chain.”
19-
Aug-
2020
11
Updated SPI/I2S interfaces and HSE/LSE/HSI/MSI/LSI clocks for
STM32L062K8 and STM32L062T8 in Table 1: Ultra-low-power STM32L062x8
device features and peripheral counts.
Added tWUUSART and tWULPUART in Table 35: Low-power mode wakeup timings.
Added reference to AN4899 in Section 6.3.13: I/O port characteristics.
Table 79. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com