Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L062C8 Datasheet(PDF) 119 Page - STMicroelectronics

Part # STM32L062C8
Description  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 64 KB Flash,8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC, AES
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L062C8 Datasheet(HTML) 119 Page - STMicroelectronics

Back Button STM32L062C8 Datasheet HTML 115Page - STMicroelectronics STM32L062C8 Datasheet HTML 116Page - STMicroelectronics STM32L062C8 Datasheet HTML 117Page - STMicroelectronics STM32L062C8 Datasheet HTML 118Page - STMicroelectronics STM32L062C8 Datasheet HTML 119Page - STMicroelectronics STM32L062C8 Datasheet HTML 120Page - STMicroelectronics STM32L062C8 Datasheet HTML 121Page - STMicroelectronics STM32L062C8 Datasheet HTML 122Page - STMicroelectronics STM32L062C8 Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 124 page
background image
DS10183 Rev 11
119/124
STM32L062x8
Revision history
123
25-Jun-
2014
3
Changed datasheet status to Production Data.
ADC now guaranteed down to 1.65 V.
Cover page: updated core speed, added minimum supply voltage for ADC,
DAC and comparators.
Updated RTC/TIM21 in Table 5: STM32L062x8 peripherals interconnect
matrix.
Updated Table 2: Functionalities depending on the operating power supply
range.
Updated list of applications in Section 1: Introduction. Changed number of I2S
interfaces to one in Section 2: Description.
Updated Section 3.4.1: Power supply schemes.
Updated Figure 5: STM32L062x8 LQFP32 pinout.
Updated VDDA in Table 21: General operating conditions.
Updated Table 25: Current consumption in Run mode, code with data
processing running from Flash and Table 26: Current consumption in Run
mode, code with data processing running from RAM. Updated Table 27:
Current consumption in Sleep mode, Table 28: Current consumption in Low-
power run mode, Table 29: Current consumption in Low-power sleep mode,
Table 30: Typical and maximum current consumptions in Stop mode, Table 31:
Typical and maximum current consumptions in Standby mode, and added
Table 32: Average current consumption during Wakeup.
Updated Table 33: Peripheral current consumption in Run or Sleep mode and
added Table 34: Peripheral current consumption in Stop and Standby mode.
Updated Table 39: HSI48 oscillator characteristics.
Updated tLOCK in Table 42: PLL characteristics.
Updated Table 44: Flash memory and data EEPROM characteristics and
Table 45: Flash memory and data EEPROM endurance and retention.
Updated Table 53: I/O AC characteristics.
Updated Table 55: ADC characteristics.
Updated Figure 45: Thermal resistance and added note 1.
Table 79. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com