Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L062C8 Datasheet(PDF) 122 Page - STMicroelectronics

Part # STM32L062C8
Description  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, 64 KB Flash,8 KB SRAM, 2 KB EEPROM, USB, ADC, DAC, AES
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L062C8 Datasheet(HTML) 122 Page - STMicroelectronics

Back Button STM32L062C8 Datasheet HTML 116Page - STMicroelectronics STM32L062C8 Datasheet HTML 117Page - STMicroelectronics STM32L062C8 Datasheet HTML 118Page - STMicroelectronics STM32L062C8 Datasheet HTML 119Page - STMicroelectronics STM32L062C8 Datasheet HTML 120Page - STMicroelectronics STM32L062C8 Datasheet HTML 121Page - STMicroelectronics STM32L062C8 Datasheet HTML 122Page - STMicroelectronics STM32L062C8 Datasheet HTML 123Page - STMicroelectronics STM32L062C8 Datasheet HTML 124Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 122 / 124 page
background image
Revision history
STM32L062x8
122/124
DS10183 Rev 11
11-
Mar-
2016
6
Updated number of SPIs on cover page and in Table 1: Ultra-low-power
STM32L062x8 device features and peripheral counts.
Changed minimum comparator supply voltage to 1.65 V on cover page.
Added number of fast and standard channels in Section 3.11: Analog-to-digital
converter (ADC). Updated Section 3.19.2: Universal
synchronous/asynchronous receiver transmitter (USART) and Section 3.19.4:
Serial peripheral interface (SPI)/Inter-integrated sound (I2S) to mention the fact
that USARTs with synchronous mode feature can be used as SPI master
interfaces.
Added baudrate allowing to wake up the MCU from Stop mode in
Section 3.19.2: Universal synchronous/asynchronous receiver transmitter
(USART).
Section 6.3.15: 12-bit ADC characteristics:
– Table 55: ADC characteristics:
Distinction made between VDDA for fast and standard channels; added note
1.
Added note 4. related to RADC.
Updated tS and tCONV.
– Updated equation 1 description.
– Updated Table 56: RAIN max for fADC = 16 MHz for fADC = 16 MHz and
distinction made between fast and standard channels.
Updated RO and added Note 1. in Table 58: DAC characteristics.
Added Table 65: USART/LPUART characteristics.
09-Jun-
2016
7
Added WLCSP36 package, STM32L062T8 part number and corresponding
features.
08-
Mar-
2017
8
Added thin WLCSP36 package.
In Section 4: Pin descriptions, renamed USB_OE into USB_NOE.
Added mission profile compliance with JEDEC JESD47 in Section 6.2:
Absolute maximum ratings.
Added note 2. related to the position of the external capacitor below Figure 22:
Recommended NRST pin protection.
Updated RL in Table 55: ADC characteristics. Updated Figure 27: 12-bit
buffered/non-buffered DAC and added note below figure.
Updated tAF maximum value for range 1 in Table 64: I2C analog filter
characteristics.
Updated tWUUSART description in Table 65: USART/LPUART characteristics.
NSS timing waveforms updated in Figure 28: SPI timing diagram - slave mode
and CPHA = 0 and Figure 29: SPI timing diagram - slave mode and CPHA =
1(1).
Added reference to optional marking or inset/upset marks in all package device
marking sections.
Previous WLCSP36 package renamed “Standard” WLCSP36; added Note 2.
below Figure 35: Standard WLCSP36 - 2.61 x 2.88 mm, 0.4 mm pitch wafer
level chip scale package outline and updated Table 72: Standard WLCSP36 -
2.61 x 2.88 mm, 0.4 mm pitch wafer level chip scale mechanical data.
Table 79. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com