Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L082CZ Datasheet(PDF) 131 Page - STMicroelectronics

Part # STM32L082CZ
Description  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs, AES
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L082CZ Datasheet(HTML) 131 Page - STMicroelectronics

Back Button STM32L082CZ Datasheet HTML 124Page - STMicroelectronics STM32L082CZ Datasheet HTML 125Page - STMicroelectronics STM32L082CZ Datasheet HTML 126Page - STMicroelectronics STM32L082CZ Datasheet HTML 127Page - STMicroelectronics STM32L082CZ Datasheet HTML 128Page - STMicroelectronics STM32L082CZ Datasheet HTML 129Page - STMicroelectronics STM32L082CZ Datasheet HTML 130Page - STMicroelectronics STM32L082CZ Datasheet HTML 131Page - STMicroelectronics STM32L082CZ Datasheet HTML 132Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 131 / 132 page
background image
DS10688 Rev 7
131/132
STM32L082xx
Revision history
131
06-Oct-2022
7
Added indication that patents apply to the devices in Section :
Features.
Added reference to the device errata sheet in Section 1: Introduction.
Added note on reduced touch sensing sensitivity on PA4 and PA5 in
Table 15: STM32L082xx pin definition.
Replaced STM32L072xxx by STM32L082xxx in Table 15 title.
Added recommendations of GPIO low- and high-level voltages in
Section 6.3.13: I/O port characteristics.
Added tWUUSART and tWULPUART in Table 39: Low-power mode
wakeup timings.
Updated VHSEH and VHSEL characteristics in Table 40: High-speed
external user clock characteristics, as well as VLSEH and VLSEL
characteristics in Table 41: Low-speed external user clock
characteristics.
Updated Table 53: EMI characteristics for fHCLK = 32 MHz.
Updated Figure 23: I/O AC characteristics definition.
Updated Figure 25: ADC accuracy characteristics and Figure 26:
Typical connection diagram using the ADC.
Updated Section 7.2: UFQFPN48 package information, Section 7.3:
LQFP32 package information and Section 7.4: UFQFPN32 package
information.
Added Section 9: Important security notice.
Corrected revision 2 date.
Table 83. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com