Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32L082CZ Datasheet(PDF) 37 Page - STMicroelectronics

Part # STM32L082CZ
Description  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs, AES
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L082CZ Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STM32L082CZ Datasheet HTML 33Page - STMicroelectronics STM32L082CZ Datasheet HTML 34Page - STMicroelectronics STM32L082CZ Datasheet HTML 35Page - STMicroelectronics STM32L082CZ Datasheet HTML 36Page - STMicroelectronics STM32L082CZ Datasheet HTML 37Page - STMicroelectronics STM32L082CZ Datasheet HTML 38Page - STMicroelectronics STM32L082CZ Datasheet HTML 39Page - STMicroelectronics STM32L082CZ Datasheet HTML 40Page - STMicroelectronics STM32L082CZ Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 132 page
background image
DS10688 Rev 7
37/132
STM32L082xx
Pin descriptions
47
4
Pin descriptions
Figure 3. STM32L082xx WLCSP49 ballout
1. The above figure shows the package top view.
2. The I/O pins supplied by VDD_USB are shown in grey.
Figure 4. STM32L082xx UFQFPN48
1. The above figure shows the package top view.
2. The I/O pins supplied by VDD_USB are shown in grey.
MSv36158V3
PA10
VDD_
USB
A
B
C
D
E
F
12
3
4
5
6
PA12
PA8
PB15
PB14
PA15
PA14
PA13
PA11
PA9
PB13
PB3
PB5
BOOT0
VDD
PB4
PB6
PB8
PC13
PB7
PC1
PC0
PC15-
OSC32
_OUT
PB1
VSS
NRST
PH1-
OSC_
OUT
PB2
PA1
PA0
PC2
PB11
PA7
PA4
VDDA
7
PB9
VDD
PC14-
OSC32
_IN
PH0-
OSC_IN
VREF+
PA2
G
PB12
VDD
PB10
PB0
PA6
PA3
PA5
MSv62417V1
UFQFPN48
1
2
3
4
5
6
7
8
9
10
11
12
VDD
PC13
PC14-OSC32_IN
PC15-OSC32_OUT
PH0-OSC_IN
PH1-OSC_OUT
NRST
VSSA
VDDA
PA0
PA1
PA2
36
35
34
33
32
31
30
29
28
27
26
25
VDD_USB
VSS
PA13
PA12
PA11
PA10
PA9
PA8
PB15
PB14
PB13
PB12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com