Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STB75N15T4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB75N15T4
Description  N-CHANNEL 150V - 0.02Ω - 75A TO-220/D²PAK/TO-247 LOW GATE CHARGE STripFET™ MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB75N15T4 Datasheet(HTML) 1 Page - STMicroelectronics

  STB75N15T4 Datasheet HTML 1Page - STMicroelectronics STB75N15T4 Datasheet HTML 2Page - STMicroelectronics STB75N15T4 Datasheet HTML 3Page - STMicroelectronics STB75N15T4 Datasheet HTML 4Page - STMicroelectronics STB75N15T4 Datasheet HTML 5Page - STMicroelectronics STB75N15T4 Datasheet HTML 6Page - STMicroelectronics STB75N15T4 Datasheet HTML 7Page - STMicroelectronics STB75N15T4 Datasheet HTML 8Page - STMicroelectronics STB75N15T4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
TARGET SPECIFICATION
November 2004
This is preliminary information on a new product foreseen to be developed. Details are subject to change without notice.
STP75N15
STW75N15 - STB75N15
N-CHANNEL 150V - 0.02
Ω - 75A TO-220/D²PAK/TO-247
LOW GATE CHARGE STripFET™ MOSFET
Table 1: General Features
s
TYPICAL RDS(on) = 20 mΩ
s
GATE CHARGE MINIMIZED
s
VERY LOW INTRINSIC CAPACITANCES
s
VERY GOOD MANUFACTURING
REPEATIBILITY
s
EXCELLENT FIGURE OF MERIT (RDS*Qg)
s
100% AVALANCHE TESTED
DESCRIPTION
This MOSFET series realized with STMicroelec-
tronics unique STripFET process has specifically
been designed to minimize input capacitance and
gate charge. It is therefore suitable as primary
switch in advanced high-efficiency isolated DC-DC
converters.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
UPS
Table 2: Order Codes
Figure 1: Package
Figure 2: Internal Schematic Diagram
TYPE
VDSS
RDS(on)
ID
Pw
STP75N15
STB75N15T4
STW75N15
150 V
150 V
150 V
< 0.023
Ω
< 0.023
Ω
< 0.023
Ω
75 A
75 A
75 A
300 W
300 W
350 W
1
2
3
1
2
3
TO-220
TO-247
1
3
D²PAK
SALES TYPE
MARKING
PACKAGE
PACKAGING
STP75N15
P75N15
TO-220
TUBE
STB75N15T4
B75N15
D²PAK
TAPE & REEL
STW75N15
W75N15
TO-247
TUBE
Rev. 1


Similar Part No. - STB75N15T4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB75N20 STMICROELECTRONICS-STB75N20 Datasheet
508Kb / 16P
N-channel 200V - 0.028廓 - 75A - D2PAK - TO-220 - TO-247 Low gate charge STripFET??Power MOSFET
19-Jul-2006
logo
Inchange Semiconductor ...
STB75N20 ISC-STB75N20 Datasheet
344Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STB75N20T4 STMICROELECTRONICS-STB75N20T4 Datasheet
508Kb / 16P
N-channel 200V - 0.028廓 - 75A - D2PAK - TO-220 - TO-247 Low gate charge STripFET??Power MOSFET
19-Jul-2006
STB75NE75 STMICROELECTRONICS-STB75NE75 Datasheet
86Kb / 8P
N - CHANNEL 75V - 0.01 ohm - 75A - D2PAK STripFET] POWER MOSFET
Mar-1999
logo
Inchange Semiconductor ...
STB75NE75 ISC-STB75NE75 Datasheet
349Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STB75N15T4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP24NF10 STMICROELECTRONICS-STP24NF10 Datasheet
48Kb / 6P
N - CHANNEL 100V - 0.07ohm - 24A TO-220 LOW GATE CHARGE STripFET POWER MOSFET
Apr-2000
STP40NF10L STMICROELECTRONICS-STP40NF10L Datasheet
272Kb / 8P
N-CHANNEL 100V - 0.028ohm - 40A TO-220 LOW GATE CHARGE STripFET POWER MOSFET
Jun-2002
STW80NF10 STMICROELECTRONICS-STW80NF10 Datasheet
251Kb / 8P
N-CHANNEL 100V - 0.012ohm - 80A TO-247 LOW GATE CHARGE STripFET™ POWER MOSFET
Apr-2001
STP40N20 STMICROELECTRONICS-STP40N20 Datasheet
348Kb / 13P
N-CHANNEL 200V - 0.038 OHM - 40A TO-220/TO-247/D2PAK LOW GATE CHARGE STripFET MOSFET
03-Jun-2005
STP30NF20 STMICROELECTRONICS-STP30NF20 Datasheet
390Kb / 16P
N-channel 200V - 0.065Ω - 30A - TO-220/TO-247/D2PAK Low gate charge STripFET™Power MOSFET
18-Oct-2007
STB75NF20 STMICROELECTRONICS-STB75NF20 Datasheet
510Kb / 16P
N-channel 200V - 0.028 - 75A - D2PAK - TO-220 - TO-247 Low gate charge STripFET Power MOSFET
21-Mar-2007
STP40NF20 STMICROELECTRONICS-STP40NF20 Datasheet
480Kb / 17P
N-channel 200V - 0.038Ω -40A- D2PAK/TO-220/TO-220FP/TO-247 Low gate charge STripFET??Power MOSFET
06-Jul-2007
STB75N20 STMICROELECTRONICS-STB75N20 Datasheet
508Kb / 16P
N-channel 200V - 0.028廓 - 75A - D2PAK - TO-220 - TO-247 Low gate charge STripFET??Power MOSFET
19-Jul-2006
STF40N20 STMICROELECTRONICS-STF40N20 Datasheet
507Kb / 18P
N-channel 200V - 0.038 -40A- D2PAK/TO-220/TO-220FP/TO-247 Low gate charge STripFET Power MOSFET
16-Aug-2006
STW30N20 STMICROELECTRONICS-STW30N20 Datasheet
392Kb / 16P
N-channel 200V - 0.065 - 30A - TO-220/TO-247/D2PAK Low gate charge STripFET Power MOSFET
18-Oct-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com