Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP9NM60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP9NM60
Description  N-CHANNEL 600V - 0.55Ω - 8.3A TO-220/DPAK/IPAK MDmesh™ Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP9NM60 Datasheet(HTML) 1 Page - STMicroelectronics

  STP9NM60 Datasheet HTML 1Page - STMicroelectronics STP9NM60 Datasheet HTML 2Page - STMicroelectronics STP9NM60 Datasheet HTML 3Page - STMicroelectronics STP9NM60 Datasheet HTML 4Page - STMicroelectronics STP9NM60 Datasheet HTML 5Page - STMicroelectronics STP9NM60 Datasheet HTML 6Page - STMicroelectronics STP9NM60 Datasheet HTML 7Page - STMicroelectronics STP9NM60 Datasheet HTML 8Page - STMicroelectronics STP9NM60 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
TARGET DATA
January 2004
STP9NM60
STD9NM60 - STD9NM60-1
N-CHANNEL 600V - 0.55
Ω - 8.3A TO-220/DPAK/IPAK
MDmesh™Power MOSFET
s
TYPICAL RDS(on) = 0.55 Ω
s
HIGH dv/dt AND AVALANCHE CAPABILITIES
s
IMPROVED ESD CAPABILITY
s
LOW INPUT CAPACITANCE AND GATE
CHARGE
s
LOW GATE INPUT RESISTANCE
s
TIGHT PROCESS CONTROL AND HIGH
MANUFACTORING YIELDS
DESCRIPTION
The MDmesh™ is a new revolutionary MOSFET
technology that associates the Multiple Drain pro-
cess with the Company’s PowerMESH™ horizontal
layout. The resulting product has an outstanding low
on-resistance, impressively high dv/dt and excellent
avalanche characteristics. The adoption of the
Company’s proprietary strip technique yields overall
dynamic performance that is significantly better than
that of similar completition’s products.
APPLICATIONS
The MDmesh™ family is very suitable for increase
the power density of high voltage converters allow-
ing system miniaturization and higher efficiencies.
ORDERING INFORMATION
TYPE
VDSS
RDS(on)
ID
Pw
STP9NM60
STD9NM60
STD9NM60-1
600 V
600 V
600 V
<0.60
Ω
<0.60
Ω
<0.60
Ω
8.3 A
8.3 A
8.3 A
100 W
100 W
100 W
SALES TYPE
MARKING
PACKAGE
PACKAGING
STP9NM60
P9NM60
TO-220
TUBE
STD9NM60T4
D9NM60
DPAK
TAPE & REEL
STD9NM60-1
D9NM60
IPAK
TUBE
TO-220
IPAK
DPAK
1
3
3
2
1
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STP9NM60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP9NM60N STMICROELECTRONICS-STP9NM60N Datasheet
902Kb / 16P
N-channel 600 V, 0.63 ohm, 6.5 A TO-220, TO-220FP, DPAK MDmesh ll Power MOSFET
20-Oct-2010
logo
Inchange Semiconductor ...
STP9NM60N ISC-STP9NM60N Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
STP9NM60N VBSEMI-STP9NM60N Datasheet
1Mb / 10P
N-Channel 650V (D-S) Power MOSFET
More results

Similar Description - STP9NM60

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2NM60 STMICROELECTRONICS-STD2NM60 Datasheet
474Kb / 10P
N-CHANNEL 600V - 2.8ohm - 2A DPAK/IPAK Zener-Protected MDmesh™ Power MOSFET
Sep-2002
STP4NM60 STMICROELECTRONICS-STP4NM60 Datasheet
548Kb / 12P
N-CHANNEL 600V - 1.3ohm - 3A TO-220/DPAK/IPAK Zener-Protected MDmesh™ Power MOSFET
Sep-2002
STP8NM60 STMICROELECTRONICS-STP8NM60 Datasheet
603Kb / 13P
N-CHANNEL 600V - 0.9ohm - 8A TO-220/TO-220FP/DPAK/IPAK MDmesh™ Power MOSFET
Aug-2003
STD11NM60N STMICROELECTRONICS-STD11NM60N Datasheet
470Kb / 17P
N-channel 600V-0.37ohm-10A-TO-220-TO-220FP- IPAK-DPAK Second generation MDmesh Power MOSFET
14-Nov-2006
STD6NM60N STMICROELECTRONICS-STD6NM60N Datasheet
619Kb / 17P
N-channel 600V - 0.85Ω - 4.6A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
01-Jun-2007
STD7NM50N STMICROELECTRONICS-STD7NM50N Datasheet
421Kb / 17P
N-channel 500V - 0.70廓 - 5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh??Power MOSFET
10-Apr-2007
STD7NM80 STMICROELECTRONICS-STD7NM80 Datasheet
977Kb / 17P
N-channel 800 V, 0.95 Ω, 6.5 A TO-220, TO-220FP, IPAK, DPAK MDmesh™Power MOSFET
02-Oct-2009
STD9NM50N STMICROELECTRONICS-STD9NM50N Datasheet
491Kb / 17P
N-channel 500V - 0.47Ω - 7.5A - TO-220 - TO-220FP - IPAK - DPAK Second generation MDmesh™Power MOSFET
10-Apr-2007
STD3NM60T4 STMICROELECTRONICS-STD3NM60T4 Datasheet
723Kb / 17P
N-channel 600 V, 1.3 1 3 A TO-220, DPAK, IPAK Zener-protected MDmesh™ Power MOSFET
02-Sep-2009
STD5NM60 STMICROELECTRONICS-STD5NM60_V01 Datasheet
558Kb / 18P
N-channel 650 V@Tjmax, 0.9 Ω, 8 A MDmesh™ Power MOSFET TO-220, TO-220FP, D2PAK, DPAK, IPAK
01-Oct-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com