Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB89663 Datasheet(PDF) 3 Page - fujitsu semiconductor

Part # MB89663
Description  8-bit Proprietary Microcontroller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB89663 Datasheet(HTML) 3 Page - fujitsu semiconductor

  MB89663 Datasheet HTML 1Page - fujitsu semiconductor MB89663 Datasheet HTML 2Page - fujitsu semiconductor MB89663 Datasheet HTML 3Page - fujitsu semiconductor MB89663 Datasheet HTML 4Page - fujitsu semiconductor MB89663 Datasheet HTML 5Page - fujitsu semiconductor MB89663 Datasheet HTML 6Page - fujitsu semiconductor MB89663 Datasheet HTML 7Page - fujitsu semiconductor MB89663 Datasheet HTML 8Page - fujitsu semiconductor MB89663 Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
MB89660 Series
3
s PRODUCT LINEUP
(Continued)
MB89665
MB89W665
MB89P665
Classification
Mass production products
(mask ROM products)
EPROM product
One-time PROM product,
also used for evaluation
ROM size
8 K
× 8 bits
(internal mask ROM)
16 K
× 8 bits
(internal mask ROM)
16 K
× 8 bits
(internal PROM,
programming with
general-purpose
EPROM programmer)
16 K
× 8 bits
(internal PROM,
programming with
general-purpose
EPROM programmer)
RAM size
256
× 8 bits
512
× 8 bits
CPU functions
Number of instructions:
136
Instruction bit length:
8 bits
Instruction length:
1 to 3 bytes
Data bit length:
1,8, 16 bits
Minimum execution time:
0.4
µs/10 MHz
Interrupt processing time:
3.6
µs/10 MHz
Ports
Output ports (CMOS):
8
Output ports (N-ch open-drain):
8 (All also serve as peripherals.)
I/O ports (CMOS):
36 (19 ports also serve as peripherals.)
Total:
52
8-bit PWM timer
8-bit reload timer operation (toggled output capable, operating clock cycle: 0.4
µs, 6.4 µs, 25.6 µs)
8-bit resolution PWM operation (conversion cycle: 102
µs, 1.6 ms, 6.6 ms)
8/16-bit timer/
counter
Independent 8-bit reload timer/counter operation: 2 channels
Single 16-bit event counter (cascade connection): 1 channel
One clock selectable from four transfer clocks
(one external shift clock, three internal clocks: 0.8
µs, 3.2 µs, 12.8 µs)
UART
8 bits
Full-duplex double buffer
Synchronous and asynchronous data transfer
8-bit serial I/O
8 bits
LSB first/MSB first selectability
One clock selectable from four transfer clocks
(one external shift clock, three internal shift clocks: 0.8
µs, 3.2 µs, 12.8 µs)
8-bit A/D
converter
8-bit resolution
× 8 channels
A/D conversion mode (conversion time: 18
µs at 10 MHz)
Sense mode (conversion time: 5
µs at 10 MHz)
Continuous activation by an external activation or an internal timer capable
Reference voltage input
Real-time I/O
16-bit timer: operating clock cycle (0.4
µs, 0.8 µs, 1.6 µs, 3.2 µs)
overflow interrupt
Input capture: 16 bits
× 2 channels (External trigger edge selectability)
Output compare: 16 bits
× 2 channels
MB89663
Parameter
Part number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com