Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB95F118AS Datasheet(PDF) 9 Page - fujitsu semiconductor

Part # MB95F118AS
Description  8-bit Proprietary Microcontrollers
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB95F118AS Datasheet(HTML) 9 Page - fujitsu semiconductor

Back Button MB95F118AS Datasheet HTML 5Page - fujitsu semiconductor MB95F118AS Datasheet HTML 6Page - fujitsu semiconductor MB95F118AS Datasheet HTML 7Page - fujitsu semiconductor MB95F118AS Datasheet HTML 8Page - fujitsu semiconductor MB95F118AS Datasheet HTML 9Page - fujitsu semiconductor MB95F118AS Datasheet HTML 10Page - fujitsu semiconductor MB95F118AS Datasheet HTML 11Page - fujitsu semiconductor MB95F118AS Datasheet HTML 12Page - fujitsu semiconductor MB95F118AS Datasheet HTML 13Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
MB95110A Series
9
■ PIN DESCRIPTION
(Continued)
Pin no.
Pin name
Circuit type
Description
1
P65/SCK
K
General-purpose I/O port.
The pin is shared with LIN-UART clock I/O.
2
P66/SOT
General-purpose I/O port.
The pin is shared with LIN-UART data output.
3
P67/SIN
L
General-purpose I/O port.
The pin is shared with LIN-UART data input.
4
P37/AN07
J
General-purpose I/O port.
The pins are shared with A/D analog input.
5
P36/AN06
6
P35/AN05
7
P34/AN04
8
P33/AN03
9
P32/AN02
10
P31/AN01
11
P30/AN00
12
AVss
⎯
A/D power supply pin (GND)
13
AVcc
⎯
A/D power supply pin
14
P24/EC0
H
General-purpose I/O port.
The pin is shared with 8/16-bit compound timer ch0 clock input.
15
P23/TO01
General-purpose I/O port.
The pins are shared with 8/16-bit compound timer ch0 output.
16
P22/TO00
17
P21/PPG01
General-purpose I/O port.
The pins are shared with 8/16-bit PPG ch0 output.
18
P20/PPG00
19
P51/SDA0
I
General-purpose I/O port.
The pin is shared with I2C ch0 data I/O.
20
P50/SCL0
General-purpose I/O port.
The pin is shared with I2C ch0 clock I/O.
21
MOD
B
Operating mode designation pin
22
X0
A
Crystal oscillation pin
23
X1
24
Vss
⎯
Power supply pin (GND)
25
Vcc
⎯
Power supply pin
26
PG0
H
General-purpose I/O port.
27
PG2/X1A
H/A
Single-system product is general-purpose port.
Dual-system product is Crystal oscillation pin (32 kHz).
28
PG1/X0A
29
RST
B’
Reset pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com