Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PL11 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # PL11
Description  GENERAL PURPOSE RELAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PL11 Datasheet(HTML) 2 Page - Omron Electronics LLC

  PL11 Datasheet HTML 1Page - Omron Electronics LLC PL11 Datasheet HTML 2Page - Omron Electronics LLC PL11 Datasheet HTML 3Page - Omron Electronics LLC PL11 Datasheet HTML 4Page - Omron Electronics LLC PL11 Datasheet HTML 5Page - Omron Electronics LLC PL11 Datasheet HTML 6Page - Omron Electronics LLC PL11 Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
MK
MK
COIL DATA
Note:
1. The rated current and coil resistance are measured at a coil temperature of 23 C (73 F) with a tolerance of 15% for DC
rated current and +15%, -20% for AC rated current.
2. The rated current is reference value.
3. Performance characteristic data are measured at a coil temperature of 23 C (73 F).
4. For models with the LED indicator built-in, add an LED current of approximately 0 thru 5 mA to the rated current.
Specifications
CONTACT DATA
Resistive load (p.f. = 1)
Load
2 Pole
3 Pole
Inductive load (p.f. = 0.4)
Rated load
10 A at 250 VAC
10 A at 120 VAC
7 A at 250 VAC
10 A at 28 VDC
10 A at 28 VDC
10 A at 250 VAC
Contact material
Ag
Carry current
10 A
Max. operating voltage
250 VAC, 250 VDC
Max. operating current
10 A
Max. switching capacity
2,500 VA
2,500 VA/1,250 VA (NO/NC contacts)
1,750 VA
280 W
280 W
Min. permissible load
10 mA at 1 VDC
Rated
Rated
Coil
Coil inductance
Pick-up
Dropout
Maximum
Power
voltage
current (mA)
resistance
(Ref. value) (H)
voltage
voltage
voltage
consumption
(VAC)
(at 60 Hz)( )
Armature OFF
Armature ON
% of rated voltage
(mW)
6
360
3.9
0.0423
0.0201
80% max.
30% min.
110% max.
Approx.
12
180
16.3
0.3270
0.1666
Approx.
(at 60 Hz)
2.3 VA
24
88.0
68.0
0.6940
0.3760
2.7 VA
25% min.
(at 60 Hz)
50
39.0
338
3.195
1.530
(at 50 Hz)
Approx.
110
21.0
1240
13.45
7.32
2.7 VA
120
18.0
1578
15.04
7.19
(at 50 Hz)
220
11.0
5090
49.73
27.02
240
9.2
6737
58.62
32.07
Rated
Rated
Coil
Coil inductance
Pick-up
Dropout
Maximum
Power
voltage
current (mA)
resistance
(Ref. value) (H)
voltage
voltage
voltage
consumption
(VDC)
(at 60 Hz)( )
Armature OFF
Armature ON
% of rated voltage
(mW)
6
255
23.5
0.206
0.106
80% max.
15% min.
110% max.
Approx.
12
126
95
0.963
0.449
Approx.
1.5 W
24
56
430
4.915
2.478
2.7 VA
48
29.5
1630
16.685
10.487
110
15.1
7300
80.2
42.6
AC
DC
Back connecting sockets
Part number
Relay type
Socket
Relay hold-down clip
SPDT
PL08
PLC-E
DPDT
PLE08-0
PLC-10
PL08-Q
PLC-E
3PDT
PL11
PLC-E
PLE11-0
PLC-10
PL11-Q
PLC-E
ACCESSORIES (continued)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com