Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRD520A Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # MRD520A
Description  1.2um CMOS integrated circuit for purpose of amplification
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MRD520A Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  MRD520A Datasheet HTML 1Page - List of Unclassifed Manufacturers MRD520A Datasheet HTML 2Page - List of Unclassifed Manufacturers MRD520A Datasheet HTML 3Page - List of Unclassifed Manufacturers MRD520A Datasheet HTML 4Page - List of Unclassifed Manufacturers MRD520A Datasheet HTML 5Page - List of Unclassifed Manufacturers MRD520A Datasheet HTML 6Page - List of Unclassifed Manufacturers MRD520A Datasheet HTML 7Page - List of Unclassifed Manufacturers MRD520A Datasheet HTML 8Page - List of Unclassifed Manufacturers MRD520A Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Uniform Industrial Corp.
MRD520A
Dual Channel F2F Decoder IC
Page :
October, 1997
5
8. APPLICATION CIRCUIT
Note :
TK1
TK2
R1
3.3K
22K
C1
3300p 4700p
RES
ADJ1/ADJ2
OSCI
OCK1/OCK2
OUT1/OUT2
OUT1X/OUT2X
CLS
IBS
OSCO
SEN1N/SEN2N
SEN1P/SEN2P
OP1OUT/OP4OUT
OP2NIN/OP5NIN
OP2OUT/OP5OUT
OP3OUT/OP4NIN
Mag. head
R1
C1
47p
5V
0.1u
1M
5V
1K~3M
Rocs=30K(5V)
VDD
GND
VREFIN
5V
2.2u
5V
5V
10K
CLS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com