Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7SH07FS Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC7SH07FS
Description  NON-Inverter (Open Drain)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SH07FS Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7SH07FS Datasheet HTML 1Page - Toshiba Semiconductor TC7SH07FS Datasheet HTML 2Page - Toshiba Semiconductor TC7SH07FS Datasheet HTML 3Page - Toshiba Semiconductor TC7SH07FS Datasheet HTML 4Page - Toshiba Semiconductor TC7SH07FS Datasheet HTML 5Page - Toshiba Semiconductor TC7SH07FS Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TC7SH07FS
2014-03-01
4
AC Characteristics (unless otherwise specified, Input: tr = tf = 3 ns)
Test Condition
Ta
= 25°C
Ta
= −40 to 85°C
Characteristics
Symbol
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
⎯
5.5
7.9
1.0
9.5
3.3
± 0.3
50
⎯
8.0
11.4
1.0
13.0
15
⎯
3.7
5.5
1.0
6.5
tpZL
RL = 1kΩ
5.0
± 0.5
50
⎯
5.2
7.5
1.0
8.5
15
⎯
5.5
7.9
1.0
9.5
3.3
± 0.3
50
⎯
8.0
11.4
1.0
13.0
15
⎯
3.7
5.5
1.0
6.5
Propagation delay time
tpLZ
RL = 1kΩ
5.0
± 0.5
50
⎯
5.2
7.5
1.0
8.5
ns
Input capacitance
CIN
⎯
⎯
4
10
⎯
10
pF
Output capacitance
COUT
⎯
⎯
6
⎯
⎯
⎯
pF
Power dissipation
capacitance
CPD
(Note3)
⎯
14
⎯
⎯
⎯
pF
Note 3: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr.) = CPD・VCC・fIN + ICC



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com