Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7SH34F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC7SH34F
Description  CMOS Digital Integrated Circuits Silicon Monolithic
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SH34F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC7SH34F Datasheet HTML 1Page - Toshiba Semiconductor TC7SH34F Datasheet HTML 2Page - Toshiba Semiconductor TC7SH34F Datasheet HTML 3Page - Toshiba Semiconductor TC7SH34F Datasheet HTML 4Page - Toshiba Semiconductor TC7SH34F Datasheet HTML 5Page - Toshiba Semiconductor TC7SH34F Datasheet HTML 6Page - Toshiba Semiconductor TC7SH34F Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TC7SH34F
2
4.
4.
4.
4. Marking and Pin Assignment
Marking and Pin Assignment
Marking and Pin Assignment
Marking and Pin Assignment
Marking
Marking
Marking
Marking
Pin Assignment (Top view)
Pin Assignment (Top view)
Pin Assignment (Top view)
Pin Assignment (Top view)
5.
5.
5.
5. IEC Logic Symbol
IEC Logic Symbol
IEC Logic Symbol
IEC Logic Symbol
6.
6.
6.
6. Truth Table
Truth Table
Truth Table
Truth Table
A
L
H
Y
L
H
7.
7.
7.
7. Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, T
Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Supply voltage
Input voltage
DC output voltage
Input diode current
Output diode current
DC output current
VCC/ground current
Power dissipation
Storage temperature
Symbol
VCC
VIN
VOUT
IIK
IOK
IOUT
ICC
PD
Tstg
Note
(Note 1)
Rating
-0.5 to 7.0
-0.5 to 7.0
-0.5 to VCC + 0.5
-20
±20
±25
±50
200
-65 to 150
Unit
V
mA
mW
Note:
Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even
destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Note 1: VOUT < GND, VOUT > VCC
2017-12-21
Rev.3.0
©2015-2017
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com