Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7USB40FT Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC7USB40FT
Description  CMOS Digital Integrated Circuits Silicon Monolithic
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7USB40FT Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7USB40FT Datasheet HTML 1Page - Toshiba Semiconductor TC7USB40FT Datasheet HTML 2Page - Toshiba Semiconductor TC7USB40FT Datasheet HTML 3Page - Toshiba Semiconductor TC7USB40FT Datasheet HTML 4Page - Toshiba Semiconductor TC7USB40FT Datasheet HTML 5Page - Toshiba Semiconductor TC7USB40FT Datasheet HTML 6Page - Toshiba Semiconductor TC7USB40FT Datasheet HTML 7Page - Toshiba Semiconductor TC7USB40FT Datasheet HTML 8Page - Toshiba Semiconductor TC7USB40FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TC7USB40FT
1
CMOS Digital Integrated Circuits Silicon Monolithic
TC7USB40FT
TC7USB40FT
TC7USB40FT
TC7USB40FT
1.
1.
1.
1. Functional Description
Functional Description
Functional Description
Functional Description
•
Dual SPDT USB Switch
2.
2.
2.
2. General
General
General
General
The TC7USB40FT is high-speed CMOS dual 1-2 multiplexer/demultiplexer. The low ON-resistance and the low
capacitance of the switch allow connections to USB2.0 (480Mbps) application.
This device consists of dual individual two-inputs multiplexer/demultiplexer with common select input (S) and
output enable (OE). The D+/D- inputs is connected to the 1D+/1D- or 2D+/2D- outputs determined by the
combination both the select input (S) and output enable (OE). When the output enable (OE) input is held high
level, the switches are open with regardless the state of select inputs and a high-impedance state exists between
the switches.
All inputs are equipped with protection circuits against static discharge.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Supply voltage: VCC = 2.3 to 4.3 V
(2)
Switch terminal ON-capacitance: CI/O = 5 pF Switch ON (typ.) @VCC = 3.3 V
(3)
ON-resistance: RON = 4.5 Ω (typ.) @VCC = 3 V, VIS = 0 V
(4)
RON flatness: RON(flat) = 1.3 Ω (typ.)@VCC = 3 V
(5)
Difference of ON-resistance between switches: ∆RON = 0.35 Ω (typ.)@VCC = 3 V
(6)
ESD performance: Machine model ≥ ±200 V, Human body model ≥ ±8000 V
(7)
Power-down protection provided on all inputs and outputs.
(8)
Package: TSSOP14
4.
4.
4.
4. Packaging and Pin Assignment
Packaging and Pin Assignment
Packaging and Pin Assignment
Packaging and Pin Assignment
TSSOP14
2013-02-05
Rev.2.0


Similar Part No. - TC7USB40FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7USB40MU TOSHIBA-TC7USB40MU Datasheet
243Kb / 12P
CMOS Digital Integrated Circuits Silicon Monolithic
More results

Similar Description - TC7USB40FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9WMB1AFK TOSHIBA-TC9WMB1AFK Datasheet
271Kb / 18P
CMOS Digital Integrated Circuits Silicon Monolithic
74VHC14FT TOSHIBA-74VHC14FT Datasheet
166Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
7UL1G02FU TOSHIBA-7UL1G02FU Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-11-21 Rev.3.0
7UL1G125FS TOSHIBA-7UL1G125FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.3.0
7UL1G126FS TOSHIBA-7UL1G126FS Datasheet
204Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-09-13 Rev.4.0
7UL1G14FS TOSHIBA-7UL1G14FS Datasheet
183Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.3.0
7UL1G17FS TOSHIBA-7UL1G17FS Datasheet
182Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-21 Rev.4.0
7UL1G32FS TOSHIBA-7UL1G32FS Datasheet
181Kb / 10P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-10-04 Rev.3.0
7UL1T34FS TOSHIBA-7UL1T34FS Datasheet
169Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2022-02-03 Rev.1.0
74HC03D TOSHIBA-74HC03D Datasheet
176Kb / 8P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-08-04 Rev.3.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com