Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1502SE Datasheet(PDF) 21 Page - ATMEL Corporation

Part # ATF1502SE
Description  Family Datasheet
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502SE Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button ATF1502SE Datasheet HTML 17Page - ATMEL Corporation ATF1502SE Datasheet HTML 18Page - ATMEL Corporation ATF1502SE Datasheet HTML 19Page - ATMEL Corporation ATF1502SE Datasheet HTML 20Page - ATMEL Corporation ATF1502SE Datasheet HTML 21Page - ATMEL Corporation ATF1502SE Datasheet HTML 22Page - ATMEL Corporation ATF1502SE Datasheet HTML 23Page - ATMEL Corporation ATF1502SE Datasheet HTML 24Page - ATMEL Corporation ATF1502SE Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 69 page
background image
21
ATF1502SE
2401D–PLD–09/02
STAND-BY I
CC VS.
SUPPLY VOLTAGE (TA =25°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
4.54.8
5.05.3
5.5
SUPPLY VOLTAGE (V)
TBD
SUPPLY CURRENT VS.
INPUT FREQUENCY (VCC =5.0V, TA = 25°C)
0.000
20.000
40.000
60.000
80.000
100.000
120.000
140.000
0.0
0.5
2.5
5.0
7.5
10.0
25.0
37.5
50.0
FREQUENCY (MHz)
TBD
OUTPUT SOURCE CURRENT VS.
SUPPLY VOLTAGE (VOH =2.4V)
-50
-40
-30
-20
-10
0
4.04.5
5.05.5
6.0
SUPPLY VOLTAGE (V)
TBD
OUTPUT SINK CURRENT VS.
SUPPLY VOLTAGE (VOL =0.5V)
36
38
40
42
44
46
48
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE (V)
TBD
NORMALIZED ICC VS. TEMP
0.4
0.6
0.8
1.0
1.2
1.4
-40.0
0.0
25.0
75.0
TEMPERATURE (C)
TBD
SUPPLY CURRENT VS.
INPUT FREQUENCY (VCC =5.0V, TA = 25°C)
0.000
0.200
0.400
0.600
0.800
1.000
0.0
0.5
2.5
5.0
7.5
10.0
25.0
37.5
50.0
FREQUENCY (MHz)
TBD
OUTPUT SOURCE CURRENT VS.
OUTPUT VOLTAGE (VCC =5.0V, TA = 25°C)
-90.0
-80.0
-70.0
-60.0
-50.0
-40.0
-30.0
-20.0
-10.0
0.0
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
VOH (V)
TBD
OUTPUT SINK CURRENT VS.
OUTPUT VOLTAGE (VCC =5.0V, TA =25°C)
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
SUPPLY VOLTAGE (V)
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com