Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATF1502SL Datasheet(PDF) 39 Page - ATMEL Corporation

Part # ATF1502SL
Description  Family Datasheet
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATF1502SL Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button ATF1502SL Datasheet HTML 35Page - ATMEL Corporation ATF1502SL Datasheet HTML 36Page - ATMEL Corporation ATF1502SL Datasheet HTML 37Page - ATMEL Corporation ATF1502SL Datasheet HTML 38Page - ATMEL Corporation ATF1502SL Datasheet HTML 39Page - ATMEL Corporation ATF1502SL Datasheet HTML 40Page - ATMEL Corporation ATF1502SL Datasheet HTML 41Page - ATMEL Corporation ATF1502SL Datasheet HTML 42Page - ATMEL Corporation ATF1502SL Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
39
ATF1508SE(L)
2401D–PLD–09/02
Notes:
1. See ordering Information for valid part numbers.
2. The t
RPA parameter must be added to the tLAD,tLAC,tIC,tACL and tSEXP parameters for macrocells running in the reduced-
power mode.
3. fCNT is the fastest 16-bit counter frequency available, using the local feedback when applicable, and a PIA fan-out of one
logic block (16 macrocells). fCNT is also the Export Control Maximum flip-flop toggle rate, fTOG.
4. fACNT is the fastest 16-bit counter frequency available, using the internal array clock, local feedback when applicable and a
PIA fan-out of one logic block (16 macrocells).
5. f
MAX is the fastest available frequency for pipelined data.
6. For clocked applications and frequencies above f
CRITICAL, OR, non-clocked applications with dormant times less than 1/fCRIT-
ICAL, the device will achieve the speeds of the –10 column. See “Input Transition Detection/ Automatic Power Down” on page
8.
t
ZX2
Output Buffer Enable Delay
(slow slew rate = OFF; VCCIO =3.3V; CL=35pF)
4.5
4.5
5.5
7.0
ns
tZX3
Output Buffer Enable Delay
(slow slew rate = ON; VCCIO =5Vor 3.3V;
CL=35pF)
99
9
10.0
ns
t
XZ
Output Buffer Disable Delay (C
L= 5 pF)
4
4
5
6.0
ns
t
SU
Register Setup Time
1.0
3.0
2.0
4.0
ns
t
H
Register Hold Time
1.7
2.0
5.0
4.0
ns
tFSU
Register Setup Time of Fast Input
1.9
3.0
3.0
2.0
ns
tFH
Register Hold Time of Fast Input
0.6
0.5
0.5
1.0
ns
tRD
Register Delay
1.4
1.0
2.0
1.0
ns
t
COMB
Combinatorial Delay
1.0
1.0
2.0
1.0
ns
t
IC
Array Clock Delay
3.1
3.0
5.0
6.0
ns
t
EN
Register Enable Time
3.0
3.0
5.0
6.0
ns
tGLOB
Global Control Delay
2.0
1.0
1.0
1.0
ns
tPRE
Register Preset Time
2.4
2.0
3.0
4.0
ns
tCLR
Register Clear Time
2.4
2.0
3.0
4.0
ns
t
UIM
Switch Matrix Delay
1.4
1.0
1.0
2.0
ns
t
RPA
(2)
Reduced Power Adder
10
10
11
13
ns
AC Characteristics
(1) ATF1508SE(L) (Continued)
Symbol
Parameter
SE -6
SE -7
SE -10
SEL -15
(6)
Unit
Min
Max
Min
Max
Min
Max
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com