Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP13P15GP Datasheet(PDF) 1 Page - Advanced Power Electronics Corp.

Part # AP13P15GP
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP13P15GP Datasheet(HTML) 1 Page - Advanced Power Electronics Corp.

  AP13P15GP Datasheet HTML 1Page - Advanced Power Electronics Corp. AP13P15GP Datasheet HTML 2Page - Advanced Power Electronics Corp. AP13P15GP Datasheet HTML 3Page - Advanced Power Electronics Corp. AP13P15GP Datasheet HTML 4Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Advanced Power
P-CHANNEL ENHANCEMENT MODE
Electronics Corp.
POWER MOSFET
▼
▼
▼
▼ Lower On-resistance
BVDSS
-150V
▼
▼
▼
▼ Simple Drive Requirement
RDS(ON)
300mΩ
▼
▼
▼
▼ Fast Switching Characteristic
ID
-13A
▼
▼
▼
▼ RoHS Compliant
Description
Absolute Maximum Ratings
Symbol
Units
VDS
V
VGS
V
ID@TC=25℃
A
ID@TC=100℃
A
IDM
A
PD@TC=25℃
W
W/℃
TSTG
℃
TJ
℃
Symbol
Value
Units
Rthj-c
Thermal Resistance Junction-case
Max.
1.3
℃/W
Rthj-a
Thermal Resistance Junction-ambient
Max.
62
℃/W
Data and specifications subject to change without notice
200728051-1/4
AP13P15GS/P
Rating
-150
±20
-13
0.77
Pb Free Plating Product
Continuous Drain Current, VGS @ 10V
-8.2
Pulsed Drain Current
1
52
Thermal Data
Parameter
Total Power Dissipation
Operating Junction Temperature Range
Storage Temperature Range
-55 to 150
Linear Derating Factor
96
-55 to 150
Parameter
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current, VGS @ 10V
G
D
S
The Advanced Power MOSFETs from APEC provide the
designer with the best combination of fast switching,
ruggedized device design, low on-resistance and cost-effectiveness.
The TO-263 package is universally preferred for all commercial-
industrial surface mount applications and suited for low voltage
applications such as DC/DC converters. The through-hole version
(AP13P15GP) are available for low-profile applications.
G
D
S
TO-263(S)
G
D
S
TO-220(P)


Similar Part No. - AP13P15GP

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP13P15GH A-POWER-AP13P15GH Datasheet
72Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP13P15GH,J-HF A-POWER-AP13P15GH,J-HF Datasheet
106Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP13P15GH-HF A-POWER-AP13P15GH-HF Datasheet
106Kb / 4P
Lower On-resistance, Simple Drive Requirement
AP13P15GJ A-POWER-AP13P15GJ Datasheet
72Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP13P15GJ-HF A-POWER-AP13P15GJ-HF Datasheet
106Kb / 4P
Lower On-resistance, Simple Drive Requirement
More results

Similar Description - AP13P15GP

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com