Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP20P02S Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # AP20P02S
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

AP20P02S Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  AP20P02S Datasheet HTML 1Page - Advanced Power Electronics Corp. AP20P02S Datasheet HTML 2Page - Advanced Power Electronics Corp. AP20P02S Datasheet HTML 3Page - Advanced Power Electronics Corp. AP20P02S Datasheet HTML 4Page - Advanced Power Electronics Corp. AP20P02S Datasheet HTML 5Page - Advanced Power Electronics Corp. AP20P02S Datasheet HTML 6Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AP20P02S/P
Electrical Characteristics@Tj=25
oC(unless otherwise specified)
Symbol
Parameter
Test Conditions
Min. Typ. Max. Units
BVDSS
Drain-Source Breakdown Voltage
VGS=0V, ID=-250uA
-20
-
-
V
ΔBV
DSS/ΔTj
Breakdown Voltage Temperature Coefficient
Reference to 25℃, ID=-1mA
-
-0.03
-V/℃
RDS(ON)
Static Drain-Source On-Resistance
VGS=-4.5V, ID=-8A
-
-
52
mΩ
VGS=-2.5V, ID=-5A
-
-
85
mΩ
VGS(th)
Gate Threshold Voltage
VDS=VGS, ID=-250uA
-0.5
-
-
V
gfs
Forward Transconductance
VDS=-10V, ID=-8A
-
15
-
S
IDSS
Drain-Source Leakage Current (Tj=25
oC)
VDS=-20V, VGS=0V
-
-
-1
uA
Drain-Source Leakage Current (Tj=150
oC)
VDS=-16V, VGS=0V
-
-
-25
uA
IGSS
Gate-Source Leakage
VGS= ± 12
-
-
nA
Qg
Total Gate Charge
2
ID=-8A
-
13.5
-
nC
Qgs
Gate-Source Charge
VDS=-16V
-
2.1
-
nC
Qgd
Gate-Drain ("Miller") Charge
VGS=-4.5V
-
1.6
-
nC
td(on)
Turn-on Delay Time
2
VDS=-10V
-
12
-
ns
tr
Rise Time
ID=-8A
-
20
-
ns
td(off)
Turn-off Delay Time
RG=3.3Ω,VGS=-4.5V
-
45
-
ns
tf
Fall Time
RD=1.25Ω
-27
-
ns
Ciss
Input Capacitance
VGS=0V
-
1050
-
pF
Coss
Output Capacitance
VDS=-16V
-
410
-
pF
Crss
Reverse Transfer Capacitance
f=1.0MHz
-
110
-
pF
Source-Drain Diode
Symbol
Parameter
Test Conditions
Min. Typ. Max. Units
IS
Continuous Source Current ( Body Diode )
VD=VG=0V , VS=-1.2V
-
-
-10
A
ISM
Pulsed Source Current ( Body Diode )
1
-
-
-50
A
VSD
Forward On Voltage
2
Tj=25℃, IS=-10A, VGS=0V
-
-
-1.2
V
Notes:
1.Pulse width limited by safe operating area.
2.Pulse width <300us , duty cycle <2%.
±100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com