Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ED804CS Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # ED804CS
Description  DPAK SURFACE MOUNT SUPER FAST RECOVERY RECTIFIER(VOLTAGE - 200 to 600 Volts CURRENT - 8.0 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ED804CS Datasheet(HTML) 2 Page - Pan Jit International Inc.

  ED804CS Datasheet HTML 1Page - Pan Jit International Inc. ED804CS Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE 2
Part Number: ED802CS - ED806CS
RATING AND CHARACTERISTIC CURVES
Fig.2- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
Fig.1- FORWARD CURRENT DERATING CURVE
CASE TEMPERATURE, C
O
0
50
100
150
10.0
8.0
6.0
4.0
2.0
0
Fig.3- TYPICAL REVERSE CHARACTERISTIC
0
100
200
300
1000
100
10
1.0
0.1
T = 100 C
C
O
T = 75 C
C
O
T = 25 C
C
O
Fig.4- MAXIMUM NON-REPETITIVE SURGE CURRENT
NO. OF CYCLE AT 60HZ
80
70
60
50
40
30
20
10
0
1
2
5
10
20
50
100
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
0.7
0.9 1.10 1.30 1.50 1.70 1.90 2.10
40
10
8
6
4
2
1.0
.8
.6
.4
.2
.1
TJ=25 C
O
PULSE WIDTH=200 S
m
20
200 V
600 V
300 - 400 V
Fig.5- TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
1
2
5
10 20
50 100
60
50
40
30
20
10
0
200
500



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com