Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STN826 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STN826
Description  PNP MEDIUM POWER TRANSISTORS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN826 Datasheet(HTML) 2 Page - STMicroelectronics

  STN826 Datasheet HTML 1Page - STMicroelectronics STN826 Datasheet HTML 2Page - STMicroelectronics STN826 Datasheet HTML 3Page - STMicroelectronics STN826 Datasheet HTML 4Page - STMicroelectronics STN826 Datasheet HTML 5Page - STMicroelectronics STN826 Datasheet HTML 6Page - STMicroelectronics STN826 Datasheet HTML 7Page - STMicroelectronics STN826 Datasheet HTML 8Page - STMicroelectronics STN826 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1 Absolute Maximum Ratings
STF826 - STN826
2/10
1
Absolute Maximum Ratings
Table 1.
Absolute Maximum Rating
Table 2.
Thermal Data
Note: 1 Device mounted on a PCB area of 1 cm2.
Symbol
Parameter
Value
Unit
STF826
STN826
VCBO
Collector-Base Voltage (IE = 0)
-60
V
VCEO
Collector-Emitter Voltage (IB = 0)
-30
V
VEBO
Collector-Base Voltage (IC = 0)
-5
V
IC
Collector Current
-3
A
ICM
Collector Peak Current (tP < 5ms)
-6
A
IB
Base Current
-1
A
IBM
Base Peak Current (tP < 5ms)
-2
A
PTOT
Total dissipation at Tc = 25°C
1.4
1.6
W
TSTG
Storage Temperature
-65 to 150
°C
TJ
Max. Operating Junction Temperature
150
Symbol
Parameter
Value
Unit
SOT-89
SOT-223
Rthj-amb
Note: 1
Thermal Resistance Junction-Amb ____________________Max
89
78
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com