Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP15810 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STP15810
Description  N-channel 100 V, 0.0036 Ω typ., 110 A, STripFET™ F7 Power MOSFET in a TO-220 package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP15810 Datasheet(HTML) 1 Page - STMicroelectronics

  STP15810 Datasheet HTML 1Page - STMicroelectronics STP15810 Datasheet HTML 2Page - STMicroelectronics STP15810 Datasheet HTML 3Page - STMicroelectronics STP15810 Datasheet HTML 4Page - STMicroelectronics STP15810 Datasheet HTML 5Page - STMicroelectronics STP15810 Datasheet HTML 6Page - STMicroelectronics STP15810 Datasheet HTML 7Page - STMicroelectronics STP15810 Datasheet HTML 8Page - STMicroelectronics STP15810 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
This is information on a product in full production.
August 2014
DocID024972 Rev 4
1/13
STP15810
N-channel 100 V, 0.0036
Ω typ., 110 A, STripFET™ F7
Power MOSFET in a TO-220 package
Datasheet
- production data
Figure 1. Internal schematic diagram
Features
• 100% avalanche tested
• Ultra low on-resistance
Applications
• Switching applications
Description
This N-channel Power MOSFETs utilizes
STripFET™ F7 technology with an enhanced
trench gate structure that results in very low on-
state resistance, while also reducing internal
capacitance and gate charge for faster and more
efficient switching.
TO-220
1
2
3
TAB
Order code
VDS
RDS(on)max
ID
PTOT
STP15810
100 V
0.0042
Ω
110 A
250 W
Table 1. Device summary
Order code
Marking
Package
Packaging
STP15810
15810
TO-220
Tube
www.st.com


Similar Part No. - STP15810

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP150N10F7 STMICROELECTRONICS-STP150N10F7 Datasheet
830Kb / 15P
High avalanche ruggedness
August 2014 Rev 4
logo
Inchange Semiconductor ...
STP150N10F7 ISC-STP150N10F7 Datasheet
245Kb / 2P
isc N-Channel MOSFET Transistor
logo
SHENZHEN DOINGTER SEMIC...
STP150N10F7 DOINGTER-STP150N10F7 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced SGT technology
logo
STMicroelectronics
STP150N10F7AG STMICROELECTRONICS-STP150N10F7AG Datasheet
227Kb / 12P
Automotive N-channel 100 V, 4.2 mΩ typ., 110 A, STripFET F7 Power MOSFET in a TO-220 package
July 2021
STP150N3LLH6 STMICROELECTRONICS-STP150N3LLH6 Datasheet
948Kb / 16P
N-channel 30 V, 0.0024 ohm , 80 A, DPAK, IPAK, TO-220
10-Sep-2009
More results

Similar Description - STP15810

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB100N6F7 STMICROELECTRONICS-STB100N6F7 Datasheet
555Kb / 15P
N-channel 60 V, 4.7 mΩ typ.,100 A STripFET™ F7 Power MOSFET in a D²PAK package
14-Jan-2015
STF150N10F7 STMICROELECTRONICS-STF150N10F7 Datasheet
782Kb / 13P
N-channel 100 V, 0.0036 Ω typ., 65 A, STripFET™ F7 Power MOSFET in a TO-220FP package
August 2014 Rev 2
STH150N10F7-2 STMICROELECTRONICS-STH150N10F7-2 Datasheet
958Kb / 16P
N-channel 100 V, 0.0034 Ω typ., 110 A, STripFET™ F7 Power MOSFET in a H2PAK-2 package
22-Sep-2016
STP30N10F7 STMICROELECTRONICS-STP30N10F7 Datasheet
1Mb / 13P
N-channel 100 V, 0.02 Ω typ., 32 A STripFET™ F7 Power MOSFET in a TO-220 package
01-Feb-2016
STP150N10F7AG STMICROELECTRONICS-STP150N10F7AG Datasheet
227Kb / 12P
Automotive N-channel 100 V, 4.2 mΩ typ., 110 A, STripFET F7 Power MOSFET in a TO-220 package
July 2021
STH110N7F6-2 STMICROELECTRONICS-STH110N7F6-2 Datasheet
912Kb / 17P
N-channel 68 V, 0.0053 Ω typ.,110 A, STripFET™ F6 Power MOSFET in a H2PAK-2 package
30-Mar-2015
STH15810-2 STMICROELECTRONICS-STH15810-2 Datasheet
969Kb / 16P
N-channel 100 V, 0.0034 Ω typ., 110 A, STripFET™ F7 Power MOSFET in a H2PAK-2 package
25-Aug-2014
STL12N10F7 STMICROELECTRONICS-STL12N10F7 Datasheet
587Kb / 13P
N-channel 100 V, 11.3 mΩ typ., 12 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 3.3x3.3 package
14-Jun-2018
STP110N7F6 STMICROELECTRONICS-STP110N7F6 Datasheet
650Kb / 13P
N-channel 68 V, 0.0055 Ω typ., 110 A, STripFET™ F6 Power MOSFET in a TO-220 package
13-Oct-2016
STP260N4F7 STMICROELECTRONICS-STP260N4F7 Datasheet
683Kb / 13P
N-channel 40 V, 1.8 mΩ typ., 120 A STripFET™ F7 Power MOSFET in a TO-220 package
16-Jun-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com