Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP3LN80K5 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STP3LN80K5
Description  N-channel 800 V, 2.75 Ω typ., 2 A MDmesh™ K5 Power MOSFET in TO-220 and IPAK packages
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP3LN80K5 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STP3LN80K5 Datasheet HTML 7Page - STMicroelectronics STP3LN80K5 Datasheet HTML 8Page - STMicroelectronics STP3LN80K5 Datasheet HTML 9Page - STMicroelectronics STP3LN80K5 Datasheet HTML 10Page - STMicroelectronics STP3LN80K5 Datasheet HTML 11Page - STMicroelectronics STP3LN80K5 Datasheet HTML 12Page - STMicroelectronics STP3LN80K5 Datasheet HTML 13Page - STMicroelectronics STP3LN80K5 Datasheet HTML 14Page - STMicroelectronics STP3LN80K5 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
STP3LN80K5, STU3LN80K5
Package information
DocID027716 Rev 2
13/15
Table 11: TO-220 type A mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.40
4.60
b
0.61
0.88
b1
1.14
1.55
c
0.48
0.70
D
15.25
15.75
D1
1.27
E
10.00
10.40
e
2.40
2.70
e1
4.95
5.15
F
1.23
1.32
H1
6.20
6.60
J1
2.40
2.72
L
13.00
14.00
L1
3.50
3.93
L20
16.40
L30
28.90
øP
3.75
3.85
Q
2.65
2.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com