Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP9N80K5 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STP9N80K5
Description  N-channel 800 V, 0.73 Ω typ., 7 A MDmesh™ K5 Power MOSFETs in a TO-220 and TO-247 packages
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP9N80K5 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STP9N80K5 Datasheet HTML 8Page - STMicroelectronics STP9N80K5 Datasheet HTML 9Page - STMicroelectronics STP9N80K5 Datasheet HTML 10Page - STMicroelectronics STP9N80K5 Datasheet HTML 11Page - STMicroelectronics STP9N80K5 Datasheet HTML 12Page - STMicroelectronics STP9N80K5 Datasheet HTML 13Page - STMicroelectronics STP9N80K5 Datasheet HTML 14Page - STMicroelectronics STP9N80K5 Datasheet HTML 15Page - STMicroelectronics STP9N80K5 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
Package information
STP9N80K5, STW9N80K5
14/16
DocID028461 Rev 3
Table 11: TO-247 package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.85
5.15
A1
2.20
2.60
b
1.0
1.40
b1
2.0
2.40
b2
3.0
3.40
c
0.40
0.80
D
19.85
20.15
E
15.45
15.75
e
5.30
5.45
5.60
L
14.20
14.80
L1
3.70
4.30
L2
18.50
ØP
3.55
3.65
ØR
4.50
5.50
S
5.30
5.50
5.70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com